Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC174AN Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74HC174AN
Description  Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC174AN Datasheet(HTML) 4 Page - Motorola, Inc

  MC74HC174AN Datasheet HTML 1Page - Motorola, Inc MC74HC174AN Datasheet HTML 2Page - Motorola, Inc MC74HC174AN Datasheet HTML 3Page - Motorola, Inc MC74HC174AN Datasheet HTML 4Page - Motorola, Inc MC74HC174AN Datasheet HTML 5Page - Motorola, Inc MC74HC174AN Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC54/74HC174A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
CLOCK
9
D0
3
RESET
1
D1
4
D2
6
D3
11
D4
13
D5
14
C
Q
D
R
2
5
7
10
12
15
Q0
Q1
Q2
Q3
Q4
Q5
EXPANDED LOGIC DIAGRAM
50%
VCC
GND
VCC
GND
50%
CLOCK
Q
RESET
tPHL
Figure 1.
50%
DATA
CLOCK
VCC
VCC
GND
Figure 2.
VALID
GND
tsu
th
1/fmax
CLOCK
Q
tr
tf
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.
Figure 4. Test Circuit
SWITCHING WAVEFORMS
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R
tw
trec
50%


Similar Part No. - MC74HC174AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC174AN MOTOROLA-MC74HC174AN Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HC174AN ONSEMI-MC74HC174AN Datasheet
155Kb / 8P
   Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
MC74HC174AN ONSEMI-MC74HC174AN Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174ANG ONSEMI-MC74HC174ANG Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174ANG ONSEMI-MC74HC174ANG Datasheet
148Kb / 10P
   Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
More results

Similar Description - MC74HC174AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC174A INTEGRAL-IN74HC174A Datasheet
51Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com