Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ210A1HZ Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AGQ210A1HZ
Description  ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AGQ210A1HZ Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AGQ210A1HZ Datasheet HTML 1Page - Nais(Matsushita Electric Works) AGQ210A1HZ Datasheet HTML 2Page - Nais(Matsushita Electric Works) AGQ210A1HZ Datasheet HTML 3Page - Nais(Matsushita Electric Works) AGQ210A1HZ Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GQ
129
GQ-RELAYS
ULTRA-SMALL PACKAGE
FLAT POLARIZED RELAY
7.20
±0.3
.283
±.012
10.60
±0.3
.417
±.012
5.20
±0.2
.205
±.008
10.60
±0.3
.417
±.012
Max.5.40
.213
7.20
±0.3
.283
±.012
mm inch
FEATURES
• Compact flat body saves space
With a small footprint of 10.6 mm (L)
× 7.2
mm (W) .417 inch (L)
× .283 inch (W) for
space savings, it also has a very short
height of 5.2 mm .205 inch. (Standard PC
board type.)
• Outstanding surge resistance.
Surge withstand between open contacts:
1,500 V 10
×160 µs (FCC part 68)
Surge withstand between contacts and
coil: 2,500 V 2
×10 µs (Bellcore)
• The use of twin crossbar contacts en-
sures high contact reliability.
AgPd contact is used because of its good
sulfide resistance. Adopting low-gas
molding material. Coil assembly molding
technology which avoids generating vola-
tile gas from coil.
• Increased packaging density
Due to highly efficient magnetic circuit de-
sign, leakage flux is reduced and changes
in electrical characteristics from compo-
nents being mounted close-together are
minimized. This all means a packaging
density higher than ever before.
• Nominal operating power: 140 mW
• Outstanding vibration and shock re-
sistance.
Functional shock resistance:
750 m/s2 {75G}
Destructive shock resistance:
1,000 m/s2 {100G}
Functional vibration resistance:
10 to 55 Hz (at double amplitude of 3.3
mm .130 inch)
Destructive vibration resistance:
10 to 55 Hz (at double amplitude of 5 mm
.197 inch)
SPECIFICATIONS
Contact
Remarks:
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA.
*3 Nominal voltage applied to the coil, excluding contact bounce time.
*4 By resistive method, nominal voltage applied to the coil; contact carrying current:
1 A.
*5 Half-wave pulse of sine wave: 6 ms;detection time: 10
µs.
*6 Half-wave pulse of sine wave: 6 ms.
*7 Detection time: 10
µs.
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
Characteristics
Notes:
f1 This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the
actual load.
f2 The upper limit for the ambient temperature is the maximum temperature that
can satisfy the coil temperature rise. Under the packing condition, allowable
temperature range is from –40 to +70
°C –40° to +158°F.
Arrangement
2 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1A )
100 m
Contact material
Stationary: AgPd+Au clad
Movable: AgPd
Rating
Nominal switching capacity
(resistive load)
1 A 30 V DC
0.3 A 125 V AC
Max. switching power
(resistive load)
30 W, 37.5 V A
Max. switching voltage
110 V DC, 125 V AC
Max. switching current
1 A
Min. switching capacity f1
10
µA 10 mV DC
Nominal
operating
power
Single side stable
140mW (1.5 to 12 V DC)
230mW (24 V DC)
1 coil latching
100mW (1.5 to 12 V DC)
120mW (24 V DC)
Expected
life (min.
operations)
Mechanical (at 180 cpm)
5
× 107
Electrical
(at 20 cpm)
1 A 30 V DC
resistive
105
0.3 A 125 V AC
resistive
105
Initial insulation resistance*1
Min. 1,000M
Ω (at 500V DC)
Initial
breakdown
voltage*2
Between open contacts
750 Vrms for 1min.
Between contact sets
1,000 Vrms for 1min.
Between contacts and coil
1,500 Vrms for 1min.
Initial surge
voltage
Between open contacts
(10
×160 µs)
1,500 V(FCC Part 68)
Between contacts and coil
(2
×10 µs)
2,500 V(Bellcore)
Operate time [Set time]*3 (at 20
°C)
Max. 4 ms (Approx. 2 ms)
[Max. 4 ms (Approx. 2 ms)]
Release time (without diode)
[Reset time]*3 (at 20
°C)
Max. 4 ms (Approx. 1 ms)
[Max. 4 ms (Approx. 2 ms)]
Temperature rise*4 (at 20
°C)
Max. 50
°C
Shock resistance
Functional*5
Min. 750 m/s2{75G]
Destructive*6
Min. 1,000 m/s2{100G]
Vibration resistance
Functional*7
10 to 55 Hz at double
amplitude of 3.3 mm
Destructive
10 to 55 Hz at double
amplitude of 5 mm
Conditions for opera-
tion, transport and
storage*8
(Not freezing and con-
densing at low tem-
perature)
Ambient
temperature f2
–40
°C to 85°C
–40
°F to 185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 1 g .035 oz
TESTING


Similar Part No. - AGQ210A1HZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AGQ210A1HZ PANASONIC-AGQ210A1HZ Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
More results

Similar Description - AGQ210A1HZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com