Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDBVREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AMDBVREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AMDBVREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA333AMDBVREP Datasheet HTML 4Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 5Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 6Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 7Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 8Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 9Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 10Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 11Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
APPLICATION INFORMATION
The OPA333A and OPA2333A are unity-gain stable and free from unexpected output phase reversal. They use a
Operating Voltage
Input Voltage
5k
OPA333A
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD
Current−limiting resistor
required if input voltage
exceeds supply rails by
≥ 0.5V.
Internal Offset Correction
OPA333A-EP
,, OPA2333A-EP
SGLS383B – APRIL 2007 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
proprietary auto-calibration technique to provide low offset voltage and very low drift over time and temperature.
For lowest offset voltage and precision performance, circuit layout and mechanical conditions should be
optimized. Avoid temperature gradients that create thermoelectric (Seebeck) effects in the thermocouple
junctions formed from connecting dissimilar conductors. These thermally-generated potentials can be made to
cancel by ensuring they are equal on both input terminals. Other layout and design considerations include:
• Use low thermoelectric-coefficient conditions (avoid dissimilar metals)
• Thermally isolate components from power supplies or other heat sources
• Shield op amp and input circuitry from air currents, such as cooling fans
Following these guidelines will reduce the likelihood of junctions being at different temperatures, which can cause
thermoelectric voltages of 0.1
µV/°C or higher, depending on materials used.
The OPA333A and OPA2333A op amps operate over a power-supply range of 1.8 V to 5.5 V (±0.9 V to
±2.75 V). Supply voltages higher than 7 V (absolute maximum) can permanently damage the device. Parameters
that vary over supply voltage or temperature are shown in the Typical Characteristics section of this data sheet.
The OPA333A and OPA2333A input common-mode voltage range extends 0.1 V beyond the supply rails. The
OPA333A is designed to cover the full range without the troublesome transition region found in some other
rail-to-rail amplifiers.
Normally, input bias current is about 70 pA; however, input voltages exceeding the power supplies can cause
excessive current to flow into or out of the input pins. Momentary voltages greater than the power supply can be
tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input resistor(see
Figure 1).
Figure 1. Input Current Protection
The OPA333A and OPA2333A op amps use an auto-calibration technique with a time-continuous 350-kHz op
amp in the signal path. This amplifier is zero corrected every 8
µs using a proprietary technique. Upon power up,
the amplifier requires approximately 100
µs to achieve specified V
OS accuracy. This design has no aliasing or
flicker noise.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA333A-EP OPA2333A-EP


Similar Part No. - OPA333AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333AMDBVREP TI-OPA333AMDBVREP Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333AMDBVREPG4 TI-OPA333AMDBVREPG4 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results

Similar Description - OPA333AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com