Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC6856NQHAC60 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HC6856NQHAC60
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856NQHAC60 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HC6856NQHAC60 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856NQHAC60 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HC6856
4
VDD
Positive Supply Voltage (2)
-0.5
7.0
V
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
V
TSTORE
Storage Temperature (Zero Bias)
-65
150
°C
TSOLDER
Soldering Temperature • Time
270•5
°C•s
PD
Total Package Power Dissipation (3)
2.5
W
IOUT
DC or Average Output Current
25
mA
VPROT
ESD Input Protection Voltage (4)
2000
V
ΘJC
Thermal Resistance (Jct-to-Case)
28 FP/36 FP
2
°C/W
28 DIP
10
°C/W
TJ
Junction Temperature
175
°C
Parameter
Symbol
Rating
Units
Min
Max
ABSOLUTE MAXIMUM RATINGS (1)
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not
implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS.
(3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this specification.
(4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab.
Symbol
Test Conditions
Min
Max
Worst Case
Parameter (2)
Typical
(1)
Units
NCS=VDD=VDR
VI=VDR or VSS
VDR
Data Retention Voltage (3)
2.0
2.5
V
IDR
Data Retention Current
150
400
µA
NCS=VDR
VI=VDR or VSS
(1) Typical operating conditions: TA= 25
°C, pre-radiation.
(2) Worst case operating conditions: TA= -55
°C to +125°C, post total dose at 25°C.
(3) To maintain valid data storage during transient radiation, VDD must be held within the recommended operating range.
DATA RETENTION CHARACTERISTICS
CI
Input Capacitance
4
6
pF
VI=VDD or VSS, f=1 MHz
CO
Output Capacitance
6.5
8
pF
VIO=VDD or VSS, f=1 MHz
Parameter
Max
Symbol
Typical
Test Conditions
Worst Case
Units
(1) This parameter is tested during initial design characterization only.
CAPACITANCE (1)
Symbol
VDD
Supply Voltage (referenced to VSS)
4.5
5.0
5.5
V
TA
Ambient Temperature
-55
25
125
°C
VPIN
Voltage on Any Pin (referenced to VSS)
-0.3
VDD+0.3
V
Typ
Units
Description
Parameter
RECOMMENDED OPERATING CONDITIONS
Min
Max


Similar Part No. - HC6856NQHAC60

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856NQHAC60

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com