Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7216BLPL Datasheet(PDF) 11 Page - Harris Corporation

Part # ICM7216BLPL
Description  8-Digit Multi-Function Frequency Counter/Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICM7216BLPL Datasheet(HTML) 11 Page - Harris Corporation

Back Button ICM7216BLPL Datasheet HTML 7Page - Harris Corporation ICM7216BLPL Datasheet HTML 8Page - Harris Corporation ICM7216BLPL Datasheet HTML 9Page - Harris Corporation ICM7216BLPL Datasheet HTML 10Page - Harris Corporation ICM7216BLPL Datasheet HTML 11Page - Harris Corporation ICM7216BLPL Datasheet HTML 12Page - Harris Corporation ICM7216BLPL Datasheet HTML 13Page - Harris Corporation ICM7216BLPL Datasheet HTML 14Page - Harris Corporation ICM7216BLPL Datasheet HTML 15Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
13-32
ICM7216A, ICM7216B, ICM7216D
Time Interval Measurement
When in the time interval mode and measuring a single
event, the lCM7216A and lCM7216B must first be “primed”
prior to measuring the event of interest. This is done by first
generating a negative going edge on Channel A followed by a
negative going edge on Channel B to start the “measurement
interval”. The inputs are then primed ready for the measure-
ment. Positive going edges on A and B, before or after the
priming, will be needed to restore the original condition.
Priming can be easily accomplished using the circuit in
Figure 13.
FIGURE 13. PRIMING CIRCUIT, SIGNALS A & B BOTH HIGH OR
LOW
Following the priming procedure (when in single event or 1
cycle range) the device is ready to measure one (only)
event.
When timing repetitive signals, it is not necessary to “prime”
the lCM7216A and lCM7216B as the first alternating signal
states automatically prime the device. See Figure 1.
During any time interval measurement cycle, the ICM7216A
and lCM7216B require 200ms following B going low to
update all internal logic. A new measurement cycle will not
take place until completion of this internal update time.
Oscillator Considerations
The oscillator is a high gain CMOS inverter. An external
resistor of 10M
Ω to 22MΩ should be connected between the
OSCillator INPUT and OUTPUT to provide biasing. The
oscillator is designed to work with a parallel resonant 10MHz
quartz crystal with a static capacitance of 22pF and a series
resistance of less than 35
Ω.
For a specific crystal and load capacitance, the required gM
can be calculated as follows:
DEVICE
TYPE
1
CD4049B Inverting Buffer
2
CD4070B Exclusive - OR
SIGNAL A
SIGNAL B
INPUT A
INPUT B
VDD
N.O.
100K
1N914
VDD
150K
1
0.1
µF
10K
10nF
11
1
2
2
VSS
VSS
VSS
PRIME
g
M
ω2C
IN
C
OUT
R
S
1
C
O
C
L
+

 2
=
whereC
L
C
IN
C
OUT
C
IN
C
OUT
+


=
CO = Crystal Static Capacitance
RS = Crystal Series Resistance
CIN = Input Capacitance
COUT = Output Capacitance
ω = 2πf
The required gM should not exceed 50% of the gM specified
for the lCM7216 to insure reliable startup. The OSCillator
INPUT and OUTPUT pins each contribute about 5pF to CIN
and COUT. For maximum stability of frequency, CIN and
COUT should be approximately twice the specified crystal
static capacitance.
In cases where non decade prescalers are used it may be
desirable to use a crystal which is neither 10MHz or 1MHz.
In that case both the multiplex rate and time between mea-
surements will be different. The multiplex rate is
for 10MHz mode and
for
the 1MHz mode. The time between measurements is
in the 10MHz mode and
in the 1MHz mode.
The crystal and oscillator components should be located as
close to the chip as practical to minimize pickup from other
signals. Coupling from the EXTERNAL OSClLLATOR INPUT
to the OSClLLATOR OUTPUT or INPUT can cause undesir-
able shifts in oscillator frequency.
Display Considerations
The display is multiplexed at a 500Hz rate with a digit time of
244
µs. An interdigit blanking time of 6µs is used to prevent
display ghosting (faint display of data from previous digit
superimposed on the next digit). Leading zero blanking is
provided, which blanks the left hand zeroes after decimal
point or any non zero digits. Digits to the right of the decimal
point are always displayed. The leading zero blanking will be
disabled when the Main Counter overflows.
The lCM7216A is designed to drive common anode LED dis-
plays at peak current of 25mA/segment, using displays with
VF = 1.8V at 25mA. The average DC current will be over
3mA under these conditions. The lCM7216B and lCM7216D
are designed to drive common cathode displays at peak cur-
rent of 15mA/segment using displays with VF = 1.8V at
15mA. Resistors can be added in series with the segment
drivers to limit the display current in very efficient displays, if
required. The Typical Performance Curves show the digit
and segment currents as a function of output voltage.
To get additional brightness out of the displays, VDD may be
increased up to 6.0V. However, care should be taken to see
that maximum power and current ratings are not exceeded.
The segment and digit outputs in lCM7216's are not directly
compatible with either TTL or CMOS logic when driving
LEDs. Therefore, level shifting with discrete transistors may
be required to use these outputs as logic signals.
f
MUX
f
OSC
210
4
×
=
f
MUX
f
OSC
210
3
×
=
210
6
×
f
OSC
210
5
×
f
OSC


Similar Part No. - ICM7216BLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216BlPl RENESAS-ICM7216BlPl Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
More results

Similar Description - ICM7216BLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com