Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS8003 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AS8003
Description  DUAL 2-INPUT POSITIVE-NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS8003 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS8003 Datasheet HTML 1Page - Texas Instruments SN74AS8003 Datasheet HTML 2Page - Texas Instruments SN74AS8003 Datasheet HTML 3Page - Texas Instruments SN74AS8003 Datasheet HTML 4Page - Texas Instruments SN74AS8003 Datasheet HTML 5Page - Texas Instruments SN74AS8003 Datasheet HTML 6Page - Texas Instruments SN74AS8003 Datasheet HTML 7Page - Texas Instruments SN74AS8003 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74AS8003
DUAL 2-INPUT POSITIVE-NAND GATE
SDAS305 – OCTOBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
S1
CL = 50 pF
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
≈0 V
VOH
VOL
≈3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VCC
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT
FOR BI-STATE TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL = 50 pF
(see Note A)
500
RL = R1 = R2
500
500
500
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - SN74AS8003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS804B TI-SN74AS804B Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804B TI-SN74AS804B Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDW TI-SN74AS804BDW Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDW TI-SN74AS804BDW Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDWE4 TI-SN74AS804BDWE4 Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results

Similar Description - SN74AS8003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00_09 Datasheet
527Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00 Datasheet
161Kb / 6P
   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUC2G00 TI-SN74AUC2G00_07 Datasheet
517Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00W-EP TI1-SN74LVC2G00W-EP Datasheet
126Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00_18 Datasheet
1,001Kb / 24P
[Old version datasheet]   Dual 2-Input Positive-NAND Gate
SN74AUC2G00 TI-SN74AUC2G00 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI1-SN74ALS8003A_08 Datasheet
92Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI-SN74ALS8003A Datasheet
69Kb / 4P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com