Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E004 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E004
Description  4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4E004 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD4E004 Datasheet HTML 3Page - Texas Instruments TPD4E004 Datasheet HTML 4Page - Texas Instruments TPD4E004 Datasheet HTML 5Page - Texas Instruments TPD4E004 Datasheet HTML 6Page - Texas Instruments TPD4E004 Datasheet HTML 7Page - Texas Instruments TPD4E004 Datasheet HTML 8Page - Texas Instruments TPD4E004 Datasheet HTML 9Page - Texas Instruments TPD4E004 Datasheet HTML 10Page - Texas Instruments TPD4E004 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPD4E004DRLR
PREVIEW
SOT
DRL
6
4000
TBD
Call TI
Call TI
TPD4E004DRYR
ACTIVE
SON
DRY
6
5000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPD4E004DRYRG4
ACTIVE
SON
DRY
6
5000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPD4E004DSFR
PREVIEW
SON
DSF
6
3000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
14-Mar-2008
Addendum-Page 1


Similar Part No. - TPD4E004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E004 TI-TPD4E004 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004DRYR TI-TPD4E004DRYR Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004DRYR TI-TPD4E004DRYR Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004DRYRG4 TI-TPD4E004DRYRG4 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Similar Description - TPD4E004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
logo
Nexperia B.V. All right...
PESD3V3X4UHC NEXPERIA-PESD3V3X4UHC Datasheet
268Kb / 11P
   4-fold ESD protection array for high-speed interfaces
13 June 2019
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZC015-04C AMAZING-AZC015-04C Datasheet
217Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com