Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1587J Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B1587J
Description  4.0A Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B1587J Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B1587J Datasheet HTML 1Page - List of Unclassifed Manufacturers B1587J Datasheet HTML 2Page - List of Unclassifed Manufacturers B1587J Datasheet HTML 3Page - List of Unclassifed Manufacturers B1587J Datasheet HTML 4Page - List of Unclassifed Manufacturers B1587J Datasheet HTML 5Page - List of Unclassifed Manufacturers B1587J Datasheet HTML 6Page - List of Unclassifed Manufacturers B1587J Datasheet HTML 7Page - List of Unclassifed Manufacturers B1587J Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B1587
IN
OUT
ADJ
BAY
B1587
C1
R1
R2
VOUT
Fig 5. Typical Adjustable Regulator
VOUT = VREF (1 + R2) + IADJ R2
R1
VIN
C2
BAY
B1587
Fig. 6
Improving Ripple Rejection
V
IN
R1
R2
150µF
10µF*
121Ω
1%
365Ω
1%
+
+
10µF
C1
*C1 improves ripple rejection. X
C
should be ~ R1 at ripple frequency.
5V
ADJ
IN
OUT
(Note A)
Note A: V
IN (MIN) = ( Intended VOUT ) + ( V DROPOUT (MAX) )
V
OUT
BAY
B1587
Fig.7
5V Regulator with Shutdown
V
IN
100µF
121Ω
1%
365Ω
1%
+
+
10µF
5V
ADJ
IN
OUT
(Note A)
Note A: V
IN (MIN) = ( Intended VOUT ) + ( V DROPOUT (MAX)
)
1k
1k
TTL
Output
2N3904
LOAD
ADJ
BAY
B1587
Fig.4 4A Current Output Regulator
V
IN
C
1
R
1
OUT
IN


Similar Part No. - B1587J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
B158-H8048-X-X-7600 INFINEON-B158-H8048-X-X-7600 Datasheet
45Kb / 1P
   SK-XC161 Starter Kit
B158-H8537-G2-X-7600 INFINEON-B158-H8537-G2-X-7600 Datasheet
22Kb / 1P
   SK-TC179x Starter Kit
Version 3.1.
B158-H8539-G2-X-7600 INFINEON-B158-H8539-G2-X-7600 Datasheet
22Kb / 1P
   SK-TC176x Family Starter Kit
last Version 1.0.
B158-H8548-X-0-7600 INFINEON-B158-H8548-X-0-7600 Datasheet
79Kb / 1P
   SK-XC866 Starter Kit
B158-H8548-X-0-7600IN INFINEON-B158-H8548-X-0-7600IN Datasheet
79Kb / 1P
   SK-XC866 Starter Kit
More results

Similar Description - B1587J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1150 ETC2-B1150 Datasheet
40Kb / 4P
   4.0A Low Dropout Voltage Regulator
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com