Electronic Components Datasheet Search |
|
TPS2818-EP Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS2818-EP Datasheet(HTML) 6 Page - Texas Instruments |
6 / 24 page www.ti.com TPS28xx ELECTRICAL CHARACTERISTICS Outputs Regulator, TPS2816 Through TPS2819 Supply Current TPS2816-EP, TPS2817-EP, TPS2818-EP TPS2819-EP, TPS2828-EP, TPS2829-EP SGDS039 – FEBRUARY 2008 Inputs over recommended operating ambient temperature range, VCC = 10 V, VDD tied to VCC, CL = 1 nF (unless otherwise specified) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VCC = 5 V 3.3 4 Positive-going input threshold voltage VCC = 10 V 6.6 7 V VCC = 14 V 9.3 10 VCC = 5 V 1 1.7 Negative-going input threshold voltage VCC = 10 V 2 3.3 V VCC = 14 V 2.5 4.6 Input voltage hysteresis 1.3 V Input current, TPS2818/19/28/29 Input = 0 V or VCC 0.2 µA Input = 0 V 650 Input current, TPS2816/17 µA Input = VCC 15 Input capacitance 5 10 pF (1) Typical are for TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT IO = –1 mA 9.75 9.9 High-level output voltage V IO = –100 mA 8 9.1 IO = 1 mA 0.18 0.25 Low-level output voltage V IO = 100 mA 1 2 (1) Typical are for TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT 14 ≤ VDD ≤ 40 V, Output voltage 10 11.5 13 V 0 ≤ IO ≤ 20 mA IO = 10 mA, Output voltage in dropout 8 10 V VDD = 10 V (1) Typical are for TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT IN = high = 10 V 150 250 TPS2816, TPS2817 IN = low = 0 V 650 1000 TPS2818, Supply current into VCC µA 25 55 TPS2819 IN = high or low, High = 10 V, Low = 0 V TPS2828, 0.1 15 TPS2829 TPS2816, VDD = 20 V, 650 1000 TPS2817 IN = high = 10 V or low = 0 V Supply current into VDD µA TPS2818, VDD = 20 V, 50 400 TPS2819 IN = high = 10 V or low = 0 V (1) Typical are for TA = 25°C (unless otherwise noted). 6 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP |
Similar Part No. - TPS2818-EP |
|
Similar Description - TPS2818-EP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |