Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3386ECDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3386ECDWR
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3386ECDWR Datasheet(HTML) 5 Page - Texas Instruments

  TRS3386ECDWR Datasheet HTML 1Page - Texas Instruments TRS3386ECDWR Datasheet HTML 2Page - Texas Instruments TRS3386ECDWR Datasheet HTML 3Page - Texas Instruments TRS3386ECDWR Datasheet HTML 4Page - Texas Instruments TRS3386ECDWR Datasheet HTML 5Page - Texas Instruments TRS3386ECDWR Datasheet HTML 6Page - Texas Instruments TRS3386ECDWR Datasheet HTML 7Page - Texas Instruments TRS3386ECDWR Datasheet HTML 8Page - Texas Instruments TRS3386ECDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
RECEIVER SECTION
Electrical Characteristics
Switching Characteristics
TRS3386E
RS-232 TRANSCEIVER
WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
SLLS829A – APRIL 2007 – REVISED APRIL 2007
over operating free-air temperature range, V
CC = VL = 3 V to 5.5 V, C1–C4 = 0.1 µF (tested at 3.3 V ± 10%), C1 = 0.047 µF,
C2–C4 = 0.33
µF (tested at 5 V ± 10%), T
A = TMIN to TMAX (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Ioff
Output leakage current
ROUT, receivers disabled
±0.05
±10
µA
VOL
Output voltage low
IOUT = 1.6 mA
0.4
V
VOH
Output voltage high
IOUT = –1 mA
VL – 0.6
VL – 0.1
V
VL = 5 V
0.8
1.2
VIT–
Input threshold low
TA = 25°C
V
VL = 3.3 V
0.6
1.5
VL = 5 V
1.8
2.4
VIT+
Input threshold high
TA = 25°C
V
VL = 3.3 V
1.5
2.4
Vhys
Input hysteresis
0.5
V
Input resistance
TA = 25°C
3
5
7
k
(1)
Typical values are at VCC = VL = 3.3 V, TA = 25°C
over operating free-air temperature range, V
CC = VL = 3 V to 5.5 V, C1–C4 = 0.1 µF (tested at 3.3 V ± 10%), C1 = 0.047 µF,
C2–C4 = 0.33
µF (tested at 5 V ± 10%), T
A = TMIN to TMAX (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
tPHL
0.15
Receiver propagation delay
Receiver input to receiver output, CL = 150 pF
µs
tPLH
0.15
tPHL – tPLH
Receiver skew
50
ns
ten
Receiver output enable time
From PWRDWN
200
ns
tdis
Receiver output disable time
From PWRDWN
200
ns
(1)
Typical values are at VCC = VL = 3.3 V, TA = 25°C.
5
Submit Documentation Feedback


Similar Part No. - TRS3386ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3386ECDWR TI-TRS3386ECDWR Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386ECDWRG4 TI-TRS3386ECDWRG4 Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
More results

Similar Description - TRS3386ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3253E-EP TI1-TRS3253E-EP Datasheet
874Kb / 21P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386E TI-MAX3386E_06 Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E Datasheet
637Kb / 19P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E_10 Datasheet
404Kb / 17P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386E TI-TRS3386E_09 Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com