Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3386ECDWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3386ECDWR
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3386ECDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRS3386ECDWR Datasheet HTML 6Page - Texas Instruments TRS3386ECDWR Datasheet HTML 7Page - Texas Instruments TRS3386ECDWR Datasheet HTML 8Page - Texas Instruments TRS3386ECDWR Datasheet HTML 9Page - Texas Instruments TRS3386ECDWR Datasheet HTML 10Page - Texas Instruments TRS3386ECDWR Datasheet HTML 11Page - Texas Instruments TRS3386ECDWR Datasheet HTML 12Page - Texas Instruments TRS3386ECDWR Datasheet HTML 13Page - Texas Instruments TRS3386ECDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TRS3386ECDW
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386ECDWG4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386ECDWR
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386ECDWRG4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386ECPW
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386ECPWG4
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386ECPWR
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386ECPWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIDW
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIDWG4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIDWR
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIDWRG4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIPW
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIPWG4
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIPWR
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3386EIPWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2007
Addendum-Page 1


Similar Part No. - TRS3386ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3386ECDWR TI-TRS3386ECDWR Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386ECDWRG4 TI-TRS3386ECDWRG4 Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
More results

Similar Description - TRS3386ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3253E-EP TI1-TRS3253E-EP Datasheet
874Kb / 21P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386E TI-MAX3386E_06 Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E Datasheet
637Kb / 19P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E_10 Datasheet
404Kb / 17P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386E TI-TRS3386E_09 Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com