Electronic Components Datasheet Search |
|
HC6856WQHCC60 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
HC6856WQHCC60 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center |
4 / 12 page HC6856 4 VDD Positive Supply Voltage (2) -0.5 7.0 V VPIN Voltage on Any Pin (2) -0.5 VDD+0.5 V TSTORE Storage Temperature (Zero Bias) -65 150 °C TSOLDER Soldering Temperature • Time 270•5 °C•s PD Total Package Power Dissipation (3) 2.5 W IOUT DC or Average Output Current 25 mA VPROT ESD Input Protection Voltage (4) 2000 V ΘJC Thermal Resistance (Jct-to-Case) 28 FP/36 FP 2 °C/W 28 DIP 10 °C/W TJ Junction Temperature 175 °C Parameter Symbol Rating Units Min Max ABSOLUTE MAXIMUM RATINGS (1) (1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability. (2) Voltage referenced to VSS. (3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this specification. (4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab. Symbol Test Conditions Min Max Worst Case Parameter (2) Typical (1) Units NCS=VDD=VDR VI=VDR or VSS VDR Data Retention Voltage (3) 2.0 2.5 V IDR Data Retention Current 150 400 µA NCS=VDR VI=VDR or VSS (1) Typical operating conditions: TA= 25 °C, pre-radiation. (2) Worst case operating conditions: TA= -55 °C to +125°C, post total dose at 25°C. (3) To maintain valid data storage during transient radiation, VDD must be held within the recommended operating range. DATA RETENTION CHARACTERISTICS CI Input Capacitance 4 6 pF VI=VDD or VSS, f=1 MHz CO Output Capacitance 6.5 8 pF VIO=VDD or VSS, f=1 MHz Parameter Max Symbol Typical Test Conditions Worst Case Units (1) This parameter is tested during initial design characterization only. CAPACITANCE (1) Symbol VDD Supply Voltage (referenced to VSS) 4.5 5.0 5.5 V TA Ambient Temperature -55 25 125 °C VPIN Voltage on Any Pin (referenced to VSS) -0.3 VDD+0.3 V Typ Units Description Parameter RECOMMENDED OPERATING CONDITIONS Min Max |
Similar Part No. - HC6856WQHCC60 |
|
Similar Description - HC6856WQHCC60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |