Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB0922N5030P00 Datasheet(PDF) 1 Page - Anaren Microwave

Part # FB0922N5030P00
Description  X0060L7575A00
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

FB0922N5030P00 Datasheet(HTML) 1 Page - Anaren Microwave

  FB0922N5030P00 Datasheet HTML 1Page - Anaren Microwave FB0922N5030P00 Datasheet HTML 2Page - Anaren Microwave FB0922N5030P00 Datasheet HTML 3Page - Anaren Microwave FB0922N5030P00 Datasheet HTML 4Page - Anaren Microwave FB0922N5030P00 Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X0060L7575A00
Rev C
Ultra Low Profile 0603 RF Crossover
Description
The (patent pending) X0066L7575A00 is an ultra-small low profile crossover
that enables the transition of two intersecting RF traces in an easy to use industry
standard SMT package. The 0603 crossover is ideal for any critical applications
where layout and available space are a premium and resorting to addition PWB
layers and larger overall footprints are unacceptable. With low insertion loss and high
isolation packaged with cost in mind, this novel component delivers
.
Detailed Electrical Specifications*: Specifications subject to change without notice.
ROOM (25
°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
0
2500
MHz
Port Impedance
75
Return Loss
19
21
dB
Insertion Loss
0.1
0.15
dB
Isolation (cross-talk)
0 – 700 MHz
44
52
dB
700 - 1700 MHz
40
47
dB
1700 - 2500 MHz
38
43
dB
Power Handling
2
Watts
Features:
• 0 – 2500 MHz.
• 0.7mm Height Profile
• 75 Ohm RF-RF Crossover
• All Wireless Frequencies
• Low Insertion Loss
• High Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
Operating Temperature
-55
+85
ºC
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Pin
3
6
1
2
4
5
Designation
GND
Orientation
Marker Denotes
Pin Location
.027±.002
[0.70±0.05]
.059±.004
[1.50±0.10]
.029±.004
[0.75±0.10]
.008
[0.20]
.010
[0.24]
4
5
6
.020
[0.52]
3
.020
[0.50]
2
1
RF 2 In/Out
GND
RF 1 In/Out
RF 2 In/Out
RF 1 In/Out


Similar Part No. - FB0922N5030P00

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FB02 SEI-FB02 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
FB02YTQH060 SEI-FB02YTQH060 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
FB02YTQH102 SEI-FB02YTQH102 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
FB02YTQH110 SEI-FB02YTQH110 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
FB02YTQH121 SEI-FB02YTQH121 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com