Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGY50NB60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGY50NB60
Description  N-CHANNEL 50A - 600V MAX247 PowerMESH IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGY50NB60 Datasheet(HTML) 4 Page - STMicroelectronics

  STGY50NB60 Datasheet HTML 1Page - STMicroelectronics STGY50NB60 Datasheet HTML 2Page - STMicroelectronics STGY50NB60 Datasheet HTML 3Page - STMicroelectronics STGY50NB60 Datasheet HTML 4Page - STMicroelectronics STGY50NB60 Datasheet HTML 5Page - STMicroelectronics STGY50NB60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig. 1: Gate Charge test Circuit
Fig. 3: Switching Waveforms
Fig. 2: Test Circuit For Inductive Load Switching
STGY50NB60HD
4/6


Similar Part No. - STGY50NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGY50NC60WD STMICROELECTRONICS-STGY50NC60WD Datasheet
134Kb / 11P
   N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
logo
Inchange Semiconductor ...
STGY50NC60WD ISC-STGY50NC60WD Datasheet
412Kb / 3P
   Trench and Field Stop IGBT
More results

Similar Description - STGY50NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGY40NC60VD STMICROELECTRONICS-STGY40NC60VD Datasheet
290Kb / 14P
   N-channel 600V - 50A - Max247 Very fast PowerMESH??IGBT
STGY40NC60V STMICROELECTRONICS-STGY40NC60V Datasheet
303Kb / 11P
   N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT
STGY50NC60WD STMICROELECTRONICS-STGY50NC60WD Datasheet
134Kb / 11P
   N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
   N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
   N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com