Electronic Components Datasheet Search |
|
HC6856WSFZC40 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
HC6856WSFZC40 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center |
2 / 12 page HC6856 2 FUNCTIONAL DIAGRAM NCS CE NWE NOE MODE DQ L H H L Read Data Out L H L X Write Data In H X XX XX Deselected High Z X L XX XX Disabled High Z TRUTH TABLE NCS A:0-8,12-13 CE NWE NOE CS • CE WE • CS • CE NWE • CS • CE • OE Column Decoder Data Input/Output Row Decoder 32,768 x 8 Memory Array A:9-11,14 # Signal All controls must be enabled for a signal to pass. (#: number of buffers, default = 1) 1 = enabled Signal 4 DQ:0-7 (0 = high Z) • • • • • • 8 8 11 SIGNAL DEFINITIONS A: 0-14 Address input pins (A) which select a particular eight-bit word within the memory array. DQ: 0-7 Bidirectional data pins which serve as data outputs during a read operation and as data inputs during a write operation. NCS Negative chip select, when at a low level allows normal read or write operation. When at a high level it forces the SRAM to a precharge condition, holds the data output drivers in a high impedance state and disables all the input buffers. If this signal is not used it must be connected to VSS. NWE Negative write enable, when at a low level activates a write operation and holds the data output drivers in a high impedance state. When at a high level it allows normal read operation. NOE Negative output enable, when at a high level holds the data output drivers in a high impedance state. When at a low level, the data output driver state is defined by NCS, NWE and CE. If this signal is not used it must be connected to VSS. CE Chip enable, when at a high level allows normal operation. When at a low level it forces the SRAM to a precharge condition, holds the data output drivers in a high impedance state and disables all the input buffers. If this signal is not used it must be connected to VDD. Notes: X: VI=VIH or VIL XX: VSS ≤VI≤VDD NOE=H: High Z output state maintained for NCS=X, CE=X, NWE=X |
Similar Part No. - HC6856WSFZC40 |
|
Similar Description - HC6856WSFZC40 |