Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC6856WSHAC40 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # HC6856WSHAC40
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856WSHAC40 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button HC6856WSHAC40 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HC6856WSHAC40 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HC6856
9
TESTER AC TIMING CHARACTERISTICS
QUALITY AND RADIATION HARDNESS
ASSURANCE
Honeywell maintains a high level of product integrity through
process control, utilizing statistical process control, a com-
plete “Total Quality Assurance System,” a computer data
base process performance tracking system, and a radia-
tion hardness assurance strategy.
The radiation hardness assurance strategy starts with a
technology that is resistant to the effects of radiation.
Radiation hardness is assured on every wafer by irradiating
test structures as well as SRAM product, and then monitor-
ing key parameters which are sensitive to ionizing radia-
tion. Conventional MIL-STD-883 TM 5005 Group E testing,
which includes total dose exposure with Cobalt 60, may
also be performed as required. This Total Quality approach
ensures our customers of a reliable product by engineering
in reliability, starting with process development and con-
tinuing through product qualification and screening.
SCREENING LEVELS
Honeywell offers several levels of device screening to meet
your system needs. “Engineering Devices” are available
with limited performance and screening for breadboarding
and/or evaluation testing. Hi-Rel Level B and S devices
undergo additional screening per the requirements of MIL-
STD-883. As a QML supplier, Honeywell also offers QML
Class Q and V devices per MIL-PRF-38535 and are avail-
able per the applicable Standard Military Drawing (SMD).
QML devices offer ease of procurement by eliminating the
need to create detailed specifications and offer benefits of
improved quality and cost savings through standardization.
RELIABILITY
Honeywell understands the stringent reliability require-
ments that space and defense systems require and has
extensive experience in reliability testing on programs of
this nature. This experience is derived from comprehen-
sive testing of VLSI processes. Reliability attributes of the
RICMOSprocess were characterized by testing specially
designed irradiated and non-irradiated test structures from
which specific failure mechanisms were evaluated. These
specific mechanisms included, but were not limited to, hot
carriers, electromigration and time dependent dielectric
breakdown. This data was then used to make changes to
the design models and process to ensure more reliable
products.
In addition, the reliability of the RICMOSprocess and
product in a military environment was monitored by testing
irradiated and non-irradiated circuits in accelerated dy-
namic life test conditions. Packages are qualified for prod-
uct use after undergoing Groups B & D testing as outlined
in MIL-STD-883, TM 5005, Class S. The product is quali-
fied by following a screening and testing flow to meet the
customer’s requirements. Quality conformance testing is
performed as an option on all production lots to ensure the
ongoing reliability of the product.
High Z = 2.9V
3 V
0 V
1.5 V
VDD-0.5 V
0.5 V
VDD/2
1.5 V
VDD-0.4V
0.4 V
High Z
3.4 V
2.4 V
High Z
VDD/2
0.4 V
High Z
3.4 V
2.4 V
High Z
TTL I/O Configuration
Input
Levels*
Output
Sense
Levels
CMOS I/O Configuration
High Z = 2.9V
* Input rise and fall times <1 ns/V
VDD-0.4V


Similar Part No. - HC6856WSHAC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856WSHAC40

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com