Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUGX5D Datasheet(PDF) 1 Page - SunLED Corporation

Part # GUGX5D
Description  BAR GRAPH 5 SEGMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

GUGX5D Datasheet(HTML) 1 Page - SunLED Corporation

  GUGX5D Datasheet HTML 1Page - SunLED Corporation GUGX5D Datasheet HTML 2Page - SunLED Corporation GUGX5D Datasheet HTML 3Page - SunLED Corporation GUGX5D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 13, 2008
Drawing No : SDSA6510
V1
Checked : Shin Chi
P.1/4
Part Number:
GUGX5D
BAR GRAPH 5 SEGMENT
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
GUGX5D
Green
GaP
1900
9890
565
5 Segment Bargraph-Display
Features
SUITABLE FOR LEVEL INDICATORS.
LOW CURRENT OPERATION.
EXCELLENT ON/OFF CONTRAST.
END STACKABLE.
MECHANICALLY RUGGED.
DIFFERENT COLORS IN ONE UNIT AVAILABLE.
GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
Operating Characteristics
(TA=25°C)
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.


Similar Part No. - GUGX5D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
GUGX10D SUNLED-GUGX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
More results

Similar Description - GUGX5D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
GURX5D SUNLED-GURX5D Datasheet
181Kb / 4P
   BAR GRAPH 5 SEGMENT
GMRX5D SUNLED-GMRX5D Datasheet
180Kb / 4P
   BAR GRAPH 5 SEGMENT
GUYX5D SUNLED-GUYX5D Datasheet
178Kb / 4P
   BAR GRAPH 5 SEGMENT
logo
Marktech Corporate
MTB5000-G MARKTECH-MTB5000-G Datasheet
38Kb / 2P
   Marktech Bar Graph Array (5 Segment)
logo
LUMEX INC.
SSA-LXB10IGW-GF LUMEX-SSA-LXB10IGW-GF Datasheet
48Kb / 1P
   10 Segment Bar Graph
SSA-LXB10G5Y4I1WLP LUMEX-SSA-LXB10G5Y4I1WLP Datasheet
58Kb / 1P
   10 Segment Bar Graph
SSA-LXB10GW-18751 LUMEX-SSA-LXB10GW-18751 Datasheet
58Kb / 1P
   10 Segment Bar Graph
SSA-LXB10IGW-CAGF LUMEX-SSA-LXB10IGW-CAGF Datasheet
86Kb / 1P
   10 Segment Bar Graph
logo
P-tec Corporation
PB66-BGA5R12 P-TEC-PB66-BGA5R12 Datasheet
31Kb / 1P
   PB66 5 Segment Rectangular Bar Graph Array
logo
Kingbright Corporation
DC7G3HWA KINGBRIGHT-DC7G3HWA Datasheet
142Kb / 5P
   10 SEGMENT BAR GRAPH ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com