Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T11MH6E Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T11MH6E
Description  Serial real-time clock with 56 bytes of NVRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T11MH6E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T11MH6E Datasheet HTML 4Page - STMicroelectronics M41T11MH6E Datasheet HTML 5Page - STMicroelectronics M41T11MH6E Datasheet HTML 6Page - STMicroelectronics M41T11MH6E Datasheet HTML 7Page - STMicroelectronics M41T11MH6E Datasheet HTML 8Page - STMicroelectronics M41T11MH6E Datasheet HTML 9Page - STMicroelectronics M41T11MH6E Datasheet HTML 10Page - STMicroelectronics M41T11MH6E Datasheet HTML 11Page - STMicroelectronics M41T11MH6E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Operation
M41T11
8/29
2
Operation
The M41T11 clock operates as a slave device on the serial bus. Access is obtained by
implementing a start condition followed by the correct slave address (D0h). The 64 bytes
contained in the device can then be accessed sequentially in the following order:
1st byte: seconds register
2nd byte: minutes register
3rd byte: century/hours register
4th byte: day register
5th byte: date register
6th byte: month register
7th byte: years register
8th byte: control register
9th - 64th bytes: RAM
The M41T11 clock continually monitors VCC for an out of tolerance condition. Should VCC
fall below VSO, the device terminates an access in progress and resets the device address
counter. Inputs to the device will not be recognized at this time to prevent erroneous data
from being written to the device from an out of tolerance system. When VCC falls below VSO,
the device automatically switches over to the battery and powers down into an ultra low
current mode of operation to conserve battery life. Upon power-up, the device switches from
battery to VCC at VSO and recognizes inputs.
2.1
2-wire bus characteristics
This bus is intended for communication between different ICs. It consists of two lines: one
bi-directional for data signals (SDA) and one for clock signals (SCL). Both the SDA and the
SCL lines must be connected to a positive supply voltage via a pull-up resistor.
The following protocol has been defined:
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is high.
Changes in the data line while the clock line is high will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
2.1.1
Bus not busy
Both data and clock lines remain high.
2.1.2
Start data transfer
A change in the state of the data line, from high to low, while the clock is high, defines the
START condition.


Similar Part No. - M41T11MH6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11MH6E STMICROELECTRONICS-M41T11MH6E Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
More results

Similar Description - M41T11MH6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
M41T94 STMICROELECTRONICS-M41T94_06 Datasheet
328Kb / 40P
   Serial Real Time Clock with 44Bytes NVRAM and Reset
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com