Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33078D Datasheet(PDF) 4 Page - STMicroelectronics

Part # MC33078D
Description  Low noise dual operational amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33078D Datasheet(HTML) 4 Page - STMicroelectronics

  MC33078D Datasheet HTML 1Page - STMicroelectronics MC33078D Datasheet HTML 2Page - STMicroelectronics MC33078D Datasheet HTML 3Page - STMicroelectronics MC33078D Datasheet HTML 4Page - STMicroelectronics MC33078D Datasheet HTML 5Page - STMicroelectronics MC33078D Datasheet HTML 6Page - STMicroelectronics MC33078D Datasheet HTML 7Page - STMicroelectronics MC33078D Datasheet HTML 8Page - STMicroelectronics MC33078D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
MC33078
4/15
3
Electrical characteristics
Table 3.
VCC
+ = +15V, V
CC
- = -15V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Vo = 0V, Vic = 0V)
Tmin ≤ Tamb ≤ Tmax
0.15
2
3
mV
DVio
Input offset voltage drift
Vo = 0V, Vic = 0V, Tmin ≤ Tamb ≤ Tmax
2µV/°C
Iio
Input offset current (Vo = 0V, Vic = 0V)
Tmin ≤ Tamb ≤Tmax
10
150
175
nA
Iib
Input bias current (Vo = 0V, Vic = 0V)
Tmin ≤ Tamb ≤ Tmax
250
750
800
nA
Vicm
Input common mode voltage range (
ΔVio = 5mV, Vo = 0V)
±13
±14
V
Avd
Large signal voltage gain (RL = 2kΩ, Vo = ±10V)
Tmin ≤ Tamb ≤ Tmax
90
85
100
dB
±Vopp
Output voltage swing (Vid = ±1V)
RL = 600Ω
RL = 600Ω
RL = 2.0kΩ
RL = 2.0kΩ
RL = 10kΩ
RL = 10kΩ
13.2
13.5
12.2
-12.7
14
-14.2
14.3
-14.6
-13.2
-14
V
CMR
Common-mode rejection ratio (Vic = ±13V)
80
100
dB
SVR
Supply voltage rejection ratio
VCC
+ / V
CC
- = +15V / -15V to +5V / -5V
80
105
dB
Io
Output short-circuit current (Vid = ±1V, output to ground)
Source
Sink
15
20
29
37
mA
ICC
Supply current (Vo = 0V, all amplifiers)
Tmin ≤ Tamb ≤ Tmax
45
5.5
mA
SR
Slew rate
Vi = -10V to +10V, RL = 2kΩ, CL = 100pF, AV = +1
57
V/µs
GBP
Gain bandwidth product
RL = 2kΩ, CL = 100pF, f = 100kHz
10
15
MHz
B
Unity gain bandwidth (Open loop)
9
MHz
Am
Gain margin (RL = 2kΩ), CL = 0pF
CL = 100pF
-11
-6
dB
φm
Phase margin (RL = 2kΩ), CL = 0pF
CL = 100pF
55
30
Degrees
en
Equivalent input noise voltage
RS = 100Ω, f = 1kHz
4.5
nV/
Hz
in
Equivalent input noise current (f = 1kHz)
0.5
pA/
Hz


Similar Part No. - MC33078D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078D ONSEMI-MC33078D Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
STMicroelectronics
MC33078D STMICROELECTRONICS-MC33078D Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33078D ONSEMI-MC33078D Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
MC33078D TI-MC33078D Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
MC33078D STMICROELECTRONICS-MC33078D Datasheet
183Kb / 14P
   Low Noise Dual Operational Amplifier
More results

Similar Description - MC33078D

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com