Electronic Components Datasheet Search |
|
MC33079YD Datasheet(PDF) 4 Page - STMicroelectronics |
|
MC33079YD Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 12 page Electrical characteristics MC33079 4/12 3 Electrical characteristics Table 3. VCC + = +15V, V CC - = -15V, T amb = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit Vio Input offset voltage (Vo = 0V, Vic = 0V) Tmin ≤ Tamb ≤ Tmax 2.5 3.5 mV DVio Input offset voltage drift Vo = 0V, Vic = 0V, Tmin ≤ Tamb ≤ Tmax 2µV/°C Iio Input offset current (Vo = 0V, Vic = 0V) Tmin ≤ Tamb ≤ Tmax 10 150 175 nA Iib Input bias current (Vo = 0V, Vic = 0V) Tmin ≤ Tamb ≤ Tmax 250 750 800 nA Avd Large signal voltage gain (RL = 2kΩ, Vo = ±10V) Tmin ≤ Tamb ≤ Tmax 90 85 100 dB ±Vopp Output voltage swing (Vid = ±1V) RL = 600Ω RL = 600Ω RL = 2.0kΩ RL = 2.0kΩ RL = 10kΩ RL = 10kΩ 13.2 13.5 12.2 -12.7 14 -14.2 14.3 -14.6 -13.2 -14 V CMR Common-mode rejection ratio (Vic = ±13V) 80 100 dB SVR Supply voltage rejection ratio (VCC + / V CC -= +15V / -15V to +5V / -5V) 80 105 dB Io Output short-circuit current (Vid = ±1V, output to ground) Source Sink 15 20 29 37 mA ICC Supply current (Vo = 0V, all amplifiers) Tmin ≤ Tamb ≤ Tmax 810 12 mA SR Slew rate (Vi = -10V to +10V, RL = 2kΩ, CL = 100pF, AV = +1) 5 7 V/µs GBP Gain bandwidth product (RL = 2kΩ, CL = 100pF, f = 100kHz) 10 15 MHz B Unity gain bandwidth (open loop) 9 MHz Am Gain margin (RL = 2kΩ) CL = 0pF CL = 100pF -11 -6 dB φm Phase margin (RL = 2kΩ) CL = 0pF CL = 100pF 55 30 Degrees en Equivalent input noise voltage (RS = 100Ω, f = 1kHz) 4.5 in Equivalent input noise current (f = 1kHz) 0.5 nV Hz ------------ pA Hz ------------ |
Similar Part No. - MC33079YD |
|
Similar Description - MC33079YD |