Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33079YDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # MC33079YDT
Description  Low noise quad operational amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33079YDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MC33079YDT Datasheet HTML 3Page - STMicroelectronics MC33079YDT Datasheet HTML 4Page - STMicroelectronics MC33079YDT Datasheet HTML 5Page - STMicroelectronics MC33079YDT Datasheet HTML 6Page - STMicroelectronics MC33079YDT Datasheet HTML 7Page - STMicroelectronics MC33079YDT Datasheet HTML 8Page - STMicroelectronics MC33079YDT Datasheet HTML 9Page - STMicroelectronics MC33079YDT Datasheet HTML 10Page - STMicroelectronics MC33079YDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC33079
Electrical characteristics
7/12
Figure 8.
Voltage gain and phase vs.
frequency
Figure 9.
Total harmonic distortion vs. output
voltage
-40
-20
0
20
40
60
10
100
1000
10000
100000
Frequency (kHz)
-120
-60
0
60
120
180
gain
phase
RL = 2kΩ, CL = 100pF
VCC = ±15V, Av = -100
0.000
0.005
0.010
0.015
0.020
01
234
567
89
Vout (Vrms)
RL = 2kΩ, f = 1kHz
VCC = ±15V, Av = 10


Similar Part No. - MC33079YDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079YD STMICROELECTRONICS-MC33079YD Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - MC33079YDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
logo
Texas Instruments
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
[Old version datasheet]   LM837 Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com