Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST26C32ABN Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST26C32ABN
Description  CMOS quad 3-state differential line receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32ABN Datasheet(HTML) 1 Page - STMicroelectronics

  ST26C32ABN Datasheet HTML 1Page - STMicroelectronics ST26C32ABN Datasheet HTML 2Page - STMicroelectronics ST26C32ABN Datasheet HTML 3Page - STMicroelectronics ST26C32ABN Datasheet HTML 4Page - STMicroelectronics ST26C32ABN Datasheet HTML 5Page - STMicroelectronics ST26C32ABN Datasheet HTML 6Page - STMicroelectronics ST26C32ABN Datasheet HTML 7Page - STMicroelectronics ST26C32ABN Datasheet HTML 8Page - STMicroelectronics ST26C32ABN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2008
Rev 4
1/14
14
ST26C32AB
CMOS quad 3-state differential line receiver
Features
CMOS design for low power
± 0.2 V sensitivity over input common mode
voltage range
Typical propagation delay: 19 ns
Typical input hysteresis: 60 mV
Input will not load line when VCC = 0 V
Meets the requirements of EIA standard
RS-422, RS-423
3-state outputs for connection to system buses
Available in surface mount
Description
The ST26C32AB is a quad differential line
receiver designed to meet the RS-422, RS-423
standards for balanced and unbalanced digital
data transmission, while retaining the low power
characteristics of CMOS.
The ST26C32AB has an input sensitivity of 200
mV over the common mode input voltage range of
± 7 V. The ST26C32AB features internal pull-up
and pull-down resistors which prevent output
oscillation on unused channels. The ST26C32AB
provides an enable and disable function to all four
receivers and features 3-state output with 6 mA
source and sink capability.
DIP-16
SO-16
TSSOP16
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
ST26C32ABN
-40 to 85 °C
DIP-16
25 parts per tube / 40 tube per box
ST26C32ABDR
-40 to 85 °C
SO-16 (tape and reel)
2500 parts per reel
ST26C32ABTR
-40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST26C32ABN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C32ABN STMICROELECTRONICS-ST26C32ABN Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
More results

Similar Description - ST26C32ABN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST34C86 STMICROELECTRONICS-ST34C86 Datasheet
191Kb / 10P
   CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
September 2002
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
[Old version datasheet]   Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
   Quad CMOS Differential Line Receiver
logo
STMicroelectronics
ST26C31B STMICROELECTRONICS-ST26C31B Datasheet
625Kb / 15P
   CMOS quad 3-state differential line driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
   3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com