Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC6856YVFCC35 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HC6856YVFCC35
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856YVFCC35 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HC6856YVFCC35 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856YVFCC35 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HC6856
5
IDDSB1
Static Supply Current
0.02
1.2
mA
IDDSB2
Static Supply Current with Chip Disabled
0.02
1.2
mA
IDDOPW
Dynamic Supply Current, Selected (Write)
5.5
7.5
mA
IDDOPR
Dynamic Supply Current, Selected (Read)
4.5
6.5
mA
II
Input Leakage Current
±0.05
-5
+5
µA
IOZ
Output Leakage Current
±0.1
-10
10
µA
VIL
Low-Level InputVoltage
VIH
High-Level Input Voltage
Units
Test Conditions (3)
(1) Typical operating conditions: VDD= 5.0 V,TA=25
°C, pre-radiation.
(2) Worst case operating conditions: VDD=4.5 V to 5.5 V, TA=-55
°C to +125°C, post total dose at 25°C.
(3) Input high = VIH
≥ VDD-0.3V, input low =VIL ≤ 0.3V
(4) Guaranteed but not tested.
(5) All inputs switching. DC average current.
VOL
Low-Level Output Voltage
VOH
High-Level Output Voltage
DC ELECTRICAL CHARACTERISTICS
CMOS
1.9
0.3xVDD
V
VDD=4.5V
TTL
1.3
0.8
V
VDD=4.5V
f=1 MHz, IO=0, CE=VIH=VDD
NCS=VIL=VSS (5)
VIH=VDD IO=0
VIL=VSS Inputs Stable
f=1 MHz, IO=0, CE=VIH=VDD
NCS=VIL=VSS (5)
Min
Max
Worst Case (2)
Symbol
Parameter
CE=VSS or NCS=VDD
IO=0, VSS
≤ VI≤VDD (4)
CMOS
3.0
0.7xVDD
V
VDD=5.5V
TTL
1.7
2.2
V
VDD=5.5V
0.2
0.4
V
VDD=4.5V, IOL=10 mA
0.05
V
VDD=4.5V, IOL=200
µA
4.8
4.2
V
VDD=4.5V, IOH=-5 mA
VDD-0.05
V
VDD=4.5V, IOH=-200
µA
Typical
(1)
VSS
≤VI≤VDD
VSS
≤VIO≤VDD
Output=high Z
DUT
output
Valid low
output
Vref1
CL >50 pF*
249
Tester Equivalent Load Circuit
2.9 V
Valid high
output
Vref2
-
+
-
+
*CL = 5 pF for TWLQZ, TSHQZ, TELQZ, and TGHQZ


Similar Part No. - HC6856YVFCC35

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856YVFCC35

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com