Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1767 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDE1767
Description  Interface circuit (relay and Lamp-driver)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1767 Datasheet(HTML) 4 Page - STMicroelectronics

  TDE1767 Datasheet HTML 1Page - STMicroelectronics TDE1767 Datasheet HTML 2Page - STMicroelectronics TDE1767 Datasheet HTML 3Page - STMicroelectronics TDE1767 Datasheet HTML 4Page - STMicroelectronics TDE1767 Datasheet HTML 5Page - STMicroelectronics TDE1767 Datasheet HTML 6Page - STMicroelectronics TDE1767 Datasheet HTML 7Page - STMicroelectronics TDE1767 Datasheet HTML 8Page - STMicroelectronics TDE1767 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristcs
TDE1767 - TDE1787
4/16
3
Electrical characteristcs
TDE1767A: - 25°C
≤ T
A ≤ 85°C, 6V ≤ VCC ≤ 55V, Io ≤ 500mA, TJ ≤ 150°C
TDE1767: - 25°C
≤ T
A ≤ 85°C, 6V ≤ VCC ≤ 45V, Io ≤ 500mA, TJ ≤ 150°C
TDE1787A: - 25°C
≤ T
A ≤ 85°C, 6V ≤ VCC ≤ 55V, Io ≤ 300mA, TJ ≤ 150°C
TDE1787: 25°C
≤ T
A ≤ 85°C, 6V ≤ VCC ≤ 45V, Io ≤ 300mA, TJ ≤ 150°C
Unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
(note 1)
2
50
mV
ICC
Power supply current
(measured on pin 4)
Output high (TA = 25°C)
5.8
8
mA
Output high
(VCC = VCCmax, (TJ = 150°C)
57
mA
Output low
(VCC = VCCmax, (TA = 25°C)
1.5
4
mA
IIB
Imput bias current
15
100
µA
VCM
Common-mode input
voltage range
TDE1787A, TDE1767A
TDE1787, TDE1767
1
1
60
45
V
V
VI
Input voltage range
Vref 1V (figure1, note2)
TDE1787A, TDE1767A
TDE1787, TDE1767
1
1
60
45
V
V
ISC
Short circuit output
current
VCC = 35V, t = 10ms
TDE1767A: RSC = 0.22Ω
TDE1787A: RSC = 0.33Ω
700
380
mA
mA
Vsense
Output limit sense
voltage
VO = VCC -2V, t = 10ms
130
150
170
mV
Vsense
Output limit sense
voltage
VO = 0V, t = 10ms
120
140
165
mV
VO(sat) Output saturation voltage
Output high VI
+- V
I
- 50mV;
RSC = 0; VCC = 30V
TDE1787A, TDE1767A:
TJ = 25°C
TDE1787, TDE1767: TJ = 25°C
TDE1787A, TDE1767A:
TJ = 150°C
TDE1787, TDE1767:
TJ = 150°C
1
1
1.1
1.1
1.1
1.2
1.2
1.3
V
V
V
V
IOL
Output leakage current
Output low
100
µA


Similar Part No. - TDE1767

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
logo
List of Unclassifed Man...
TDE1767 ETC-TDE1767 Datasheet
276Kb / 1P
   LAMP AND RELAY DRIVERS
logo
STMicroelectronics
TDE1767A STMICROELECTRONICS-TDE1767A Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
logo
List of Unclassifed Man...
TDE1767A ETC-TDE1767A Datasheet
276Kb / 1P
   LAMP AND RELAY DRIVERS
logo
STMicroelectronics
TDE1767ADP STMICROELECTRONICS-TDE1767ADP Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
More results

Similar Description - TDE1767

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
   Interface circuit (relay and lamp driver)
TDE1747 STMICROELECTRONICS-TDE1747_06 Datasheet
624Kb / 17P
   Interface circuit - relay and lamp-driver
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
September 1988
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
   INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
TDE1737 STMICROELECTRONICS-TDE1737_06 Datasheet
356Kb / 13P
   Interface circuit - relay and lamp-driver
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com