Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321ID Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS321ID
Description  Low power single operational amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321ID Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS321ID Datasheet HTML 5Page - STMicroelectronics TS321ID Datasheet HTML 6Page - STMicroelectronics TS321ID Datasheet HTML 7Page - STMicroelectronics TS321ID Datasheet HTML 8Page - STMicroelectronics TS321ID Datasheet HTML 9Page - STMicroelectronics TS321ID Datasheet HTML 10Page - STMicroelectronics TS321ID Datasheet HTML 11Page - STMicroelectronics TS321ID Datasheet HTML 12Page - STMicroelectronics TS321ID Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
TS321
10/13
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
5.1
SOT23-5 package information
Figure 7.
SOT23-5 package mechanical drawing
Table 5.
SOT23-5 package mechanical data
Ref.
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.901.45
35.457.1
A1
0.00
0.15
0.00
5.9
A2
0.90
1.30
35.4
51.2
b
0.350.50
13.719.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e
0.95
37.4
e1
1.9
74.8
L
0.350.55
13.721.6


Similar Part No. - TS321ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS321ID TI-TS321ID Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321ID STMICROELECTRONICS-TS321ID Datasheet
186Kb / 12P
   Low power single operational amplifier
logo
Texas Instruments
TS321ID TI-TS321ID Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321ID TI1-TS321ID Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
STMicroelectronics
TS321ID/IDT STMICROELECTRONICS-TS321ID/IDT Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
More results

Similar Description - TS321ID

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TS321 TI1-TS321 Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TL343 TI-TL343 Datasheet
114Kb / 7P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com