Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082BIYDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL082BIYDT
Description  General purpose JFET dual operational amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082BIYDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL082BIYDT Datasheet HTML 3Page - STMicroelectronics TL082BIYDT Datasheet HTML 4Page - STMicroelectronics TL082BIYDT Datasheet HTML 5Page - STMicroelectronics TL082BIYDT Datasheet HTML 6Page - STMicroelectronics TL082BIYDT Datasheet HTML 7Page - STMicroelectronics TL082BIYDT Datasheet HTML 8Page - STMicroelectronics TL082BIYDT Datasheet HTML 9Page - STMicroelectronics TL082BIYDT Datasheet HTML 10Page - STMicroelectronics TL082BIYDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TL082 TL082A TL082B
Electrical characteristics
7/17
Figure 8.
Input bias current versus free air
temperature
Figure 9.
Large signal differential voltage
amplification and phase shift
versus frequency
100
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
FREQUENCY (Hz)
100
10
100
1K
10K
100K
10M
1M
1
DIFFERENTIAL
VOLTAGE
AMPLIFICATION
(left scale)
180
90
0
R = 2kW
C = 100pF
V
= 15V
T
= +125°C
L
L
CC
amb
PHASE SHIFT
(right scale)
Figure 10.
Supply current per amplifier versus
free air temperature
Figure 11.
Large signal differential voltage
amplification versus free air temp.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
1000
400
200
100
20
40
10
4
2
1
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
R
L
= 2k
Ω
V
O =
10V
V
CC
=
15V
Figure 12.
Total power dissipation versus free
air temperature
Figure 13.
Supply current per amplifier versus
supply voltage
250
225
200
175
150
125
100
75
50
25
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
24
6
8
10
12
14
16
No signal
No load
= +25˚C
T
amb
SUPPLY VOLTAGE (
V)


Similar Part No. - TL082BIYDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL082BIYDT STMICROELECTRONICS-TL082BIYDT Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TL082BIYDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
   General purpose JFET single operational amplifiers
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI1-MC1458_14 Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com