Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL34NF06 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL34NF06
Description  N-CHANNEL 60V - 0.024ohm - 34A PowerFLAT??LOW GATE CHARGE STripFET?줚I MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL34NF06 Datasheet(HTML) 6 Page - STMicroelectronics

  STL34NF06 Datasheet HTML 1Page - STMicroelectronics STL34NF06 Datasheet HTML 2Page - STMicroelectronics STL34NF06 Datasheet HTML 3Page - STMicroelectronics STL34NF06 Datasheet HTML 4Page - STMicroelectronics STL34NF06 Datasheet HTML 5Page - STMicroelectronics STL34NF06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STL34NF06
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com


Similar Part No. - STL34NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
More results

Similar Description - STL34NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
   N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL35NF10 STMICROELECTRONICS-STL35NF10 Datasheet
165Kb / 6P
   N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL27N15 STMICROELECTRONICS-STL27N15 Datasheet
132Kb / 6P
   N-CHANNEL 150V - 0.045 W - 27A PowerFLAT LOW GATE CHARGE STripFET MOSFET
June 2003
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET?줚I POWER MOSFET
STL8NH3LL STMICROELECTRONICS-STL8NH3LL_06 Datasheet
285Kb / 12P
   N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STF40NF06 STMICROELECTRONICS-STF40NF06 Datasheet
253Kb / 9P
   N-CHANNEL 60V - 0.024ohm - 23A - TO-220FP STripFET II MOSFET
STL8NH3LL STMICROELECTRONICS-STL8NH3LL Datasheet
164Kb / 7P
   N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com