Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMDG08W Datasheet(PDF) 3 Page - SunLED Corporation

Part # LMDG08W
Description  OVAL LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LMDG08W Datasheet(HTML) 3 Page - SunLED Corporation

  LMDG08W Datasheet HTML 1Page - SunLED Corporation LMDG08W Datasheet HTML 2Page - SunLED Corporation LMDG08W Datasheet HTML 3Page - SunLED Corporation LMDG08W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SunLED.com
OVAL LED LAMP
Part Number:
LMDG08W
Published Date : MAR 22,2008
Drawing No : SDSA4807
V3
Checked : B.L.LIU
P.3/4
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - LMDG08W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LMDG01W SUNLED-LMDG01W Datasheet
189Kb / 4P
   10mm SOLID STATE LAMP
More results

Similar Description - LMDG08W

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5470A-LWT MARKTECH-MT5470A-LWT_15 Datasheet
247Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
   OVAL LED LAMP
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
   OVAL LED LAMP
BVU-439TT9 BVLED-BVU-439TT9 Datasheet
254Kb / 3P
   OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
   OVAL LED LAMP
logo
Marktech Corporate
MT5470-BL MARKTECH-MT5470-BL Datasheet
182Kb / 6P
   OVAL LED LAMP
MT5470D-UY MARKTECH-MT5470D-UY Datasheet
415Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559TT9 BVLED-BVU-559TT9 Datasheet
253Kb / 3P
   OVAL LED LAMP
logo
SunLED Corporation
LM2BG08W SUNLED-LM2BG08W Datasheet
184Kb / 4P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-359BA9 BVLED-BVU-359BA9 Datasheet
326Kb / 5P
   OVAL LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com