Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C1162048L Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V62C1162048L
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1162048L Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V62C1162048L Datasheet HTML 1Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 2Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1162048L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AC Test Conditions
Input Pulse Level
0.4V to 1.6V
Input Rise and Fall Time
5ns
Input and Output Timing
Reference Level
1.0V
Output Load Condition
70ns/85ns
C
L = 30pf + 1TTL Load
Load for 100ns/120ns
C
L = 100pf + 1TTL Load
C
L*
Figure A.
* Including Scope and Jig Capacitance
TTL
V62C1162048L(L)
DC Operating Characteristics (Vcc =1.8 to 2.2V, Gnd = 0V, TA = 0
0C to +700C / -400C to 850C)
Input Leakage Current
IILII Vcc = Max,
Vin = Gnd to Vcc
-
1
-
1
-
1
-
1
µA
Output Leakage
Current
II
LOI
CE = VIH or Vcc= Max,
VOUT = Gnd to Vcc
-
1
-
1
-
1
-
1
µA
Operating Power
Supply Current
ICC
CE = VIL , VIN = VIHor VIL ,
IOUT=0
-
5
-
5
-
5
-
5
mA
Average Operating
Current
ICC1 IOUT = 0mA,
Min Cycle, 100% Duty
-
35
-
35
-
30
-
30
mA
ICC2 CE < 0.2V
IOUT = 0mA,
Cycle Time=1
µs, Duty=100%
-
3
-
3
-
3
-
3
mA
Standby Power Supply
Current (TTL Level)
ISB
CE = VIH
-
0.5
-
0.5
-
0.5
-
0.5
mA
Standby Power Supply
Current (CMOS Level)
ISB1 CE > Vcc - 0.2V
VIN < 0.2V or
VIN > Vcc- 0.2V
L
-
-
10
2
-
-
10
2
-
-
10
2
-
-
10
2
µA
µA
Output Low Voltage
VOL IOL = 2 mA
-
0.4
-
0.4
-
0.4
-
0.4
V
Output High Voltage
VOH IOH = -1 mA
1.6
-
1.6
-
1.6
-
1.6
-
V
-70
-100
-120
Unit
Parameter
Sym
Test Conditions
Min Max Min Max Min Max Min Max
-85
4
Capacitance (f = 1MHz, TA = 25
0C)
Parameter*
Symbol
Test Condition
Max
Unit
Input Capacitance
Cin
Vin = 0V
7
pF
I/O Capacitance
CI/O
Vin = Vout = 0V
8
pF
* This parameter is guaranteed by device characterization and is not production tested.
REV. 1.2 May 2001 V62C1162048L(L)


Similar Part No. - V62C1162048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-100T MOSEL-V62C1161024L-100T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-120T MOSEL-V62C1161024L-120T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-70T MOSEL-V62C1161024L-70T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-85T MOSEL-V62C1161024L-85T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C1162048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com