Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS514AIYD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS514AIYD
Description  Precision Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514AIYD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS514AIYD Datasheet HTML 2Page - STMicroelectronics TS514AIYD Datasheet HTML 3Page - STMicroelectronics TS514AIYD Datasheet HTML 4Page - STMicroelectronics TS514AIYD Datasheet HTML 5Page - STMicroelectronics TS514AIYD Datasheet HTML 6Page - STMicroelectronics TS514AIYD Datasheet HTML 7Page - STMicroelectronics TS514AIYD Datasheet HTML 8Page - STMicroelectronics TS514AIYD Datasheet HTML 9Page - STMicroelectronics TS514AIYD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Mechanical Data
TS514 / TS514A
8/10
5
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.
5.1
DIP14 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 MECHANICAL DATA
P001A


Similar Part No. - TS514AIYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS514AI STMICROELECTRONICS-TS514AI Datasheet
58Kb / 7P
   HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
TS514AID STMICROELECTRONICS-TS514AID Datasheet
58Kb / 7P
   HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
TS514AIN STMICROELECTRONICS-TS514AIN Datasheet
58Kb / 7P
   HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TS514AIYD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
   Precision Quad Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
   Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
August 1998
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com