Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB-337 Datasheet(PDF) 3 Page - Mini-Circuits

Part # TB-337
Description  Digital Step Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TB-337 Datasheet(HTML) 3 Page - Mini-Circuits

  TB-337 Datasheet HTML 1Page - Mini-Circuits TB-337 Datasheet HTML 2Page - Mini-Circuits TB-337 Datasheet HTML 3Page - Mini-Circuits TB-337 Datasheet HTML 4Page - Mini-Circuits TB-337 Datasheet HTML 5Page - Mini-Circuits TB-337 Datasheet HTML 6Page - Mini-Circuits TB-337 Datasheet HTML 7Page - Mini-Circuits TB-337 Datasheet HTML 8Page - Mini-Circuits TB-337 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page 3 of 12
Digital Step Attenuator
DAT-15575-PP
DAT-15575-PP+
Function
Pin
Number
Description
N/C
1
Not connected (Note 3)
RF in
2
RF in port (Note 1)
N/C
3
Not connected (Note 3)
GND
4
Ground connection
LE
5
Latch Enable Input (Note 2)
VDD
6
Power Supply
N/C
7
Not connected
PUP2
8
Power up selection bit
VDD
9
Power supply
GND
10
Ground connection
GND
11
Ground connection
GND
12
Ground connection
GND
13
Ground connection
RF out
14
RF out port (Note 1)
C8
15
Control for attenuation bit, 8 dB
C4
16
Control for attenuation bit, 4 dB
C2
17
Control for attenuation bit, 2 dB
GND
18
Ground Connection
C1
19
Control for attenuation bit, 1 dB
C0.5
20
Control for attenuation bit, 0.5 dB
GND
Paddle
Paddle ground (Note 4)
Notes:
1. Both RF ports must be held at 0VDC or DC blocked with an external series capacitor.
2. Latch Enable (LE) has an internal 100KΩ resistor to V
DD.
3. Place a 10KΩ resistor to GND.
4. The exposed solder pad on the bottom of the package (See Pin Configuration) must
be grounded for proper device operation.
Pin Description
Pin Configuration (Top View)
GND
GND
GND
RFout
C8
LE
GND
N/C
RFin
N/C
2x2mm
Paddle
ground
15
14
13
12
11
1
2
3
4
5


Similar Part No. - TB-337

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB-32610-B ETC1-TB-32610-B Datasheet
155Kb / 1P
   TABLET ENCLSURE
TB-32611-B ETC1-TB-32611-B Datasheet
129Kb / 1P
   TABLET ENCLSURE
TB-32611-W ETC1-TB-32611-W Datasheet
129Kb / 1P
   TABLET ENCLSURE
TB-32612-B ETC1-TB-32612-B Datasheet
109Kb / 1P
   TABLET ENCLSURE
TB-32612-W ETC1-TB-32612-W Datasheet
109Kb / 1P
   TABLET ENCLSURE
More results

Similar Description - TB-337

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com