Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC1PD Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC1PD
Description  LED LAMPS CLUSTER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1PD Datasheet(HTML) 2 Page - STMicroelectronics

  STLC1PD Datasheet HTML 1Page - STMicroelectronics STLC1PD Datasheet HTML 2Page - STMicroelectronics STLC1PD Datasheet HTML 3Page - STMicroelectronics STLC1PD Datasheet HTML 4Page - STMicroelectronics STLC1PD Datasheet HTML 5Page - STMicroelectronics STLC1PD Datasheet HTML 6Page - STMicroelectronics STLC1PD Datasheet HTML 7Page - STMicroelectronics STLC1PD Datasheet HTML 8Page - STMicroelectronics STLC1PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STLC1
2/16
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
CONNECTION DIAGRAM (top view)
Symbol
Parameter
Value
Unit
VB+
Transient Supply Voltage (load dump)
60
V
VB+
Operating Supply Voltage
24
V
VTURN,
VSTOP,
VTAIL
TURN, STOP and TAIL input pins voltage
VB+ + 0.3
V
ITURN,
ISTOP,
ITAIL
TURN, STOP and TAIL pins current
± 10
mA
ITR-DRV,
ITL-DRV,
IST-DRV
TR-DRV, TL-DRV and ST-DRV pins sink current
1.5
A
ILMP-OUT
LMP-OUT pin sink current
120
mA
VP-OUT
P-OUT DC Voltage
60
V
IP-OUT
P-OUT pin sink current
Internally Limited
A
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
PowerSO-20TM
Unit
Rthj-case
Thermal Resistance Junction-case
2
°C/W
Rthj-amb
Thermal Resistance Junction-Ambient
50
°C/W
PowerSO-20TM


Similar Part No. - STLC1PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1502 STMICROELECTRONICS-STLC1502 Datasheet
526Kb / 81P
   VOICE OVER IP PROCESSOR
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
   NorthenLite G.lite DMT Transceiver
November 2000
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
More results

Similar Description - STLC1PD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
logo
SunLED Corporation
K4MDW62 SUNLED-K4MDW62 Datasheet
139Kb / 3P
   18.4mm LED CLUSTER
logo
Kingbright Corporation
BL0709-18-76 KINGBRIGHT-BL0709-18-76 Datasheet
55Kb / 2P
   28mmX28mm LED CLUSTER
logo
SunLED Corporation
K50MRW6 SUNLED-K50MRW6 Datasheet
153Kb / 3P
   52mm LED CLUSTER
logo
BetLux Electronics
BL-CR19AR3G4 BETLUX-BL-CR19AR3G4 Datasheet
71Kb / 3P
   LED LAMP CLUSTER
BL-CS15AR1G3 BETLUX-BL-CS15AR1G3 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS28AR3G5B1 BETLUX-BL-CS28AR3G5B1 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS39AR2G1B1 BETLUX-BL-CS39AR2G1B1 Datasheet
79Kb / 3P
   LED LAMP CLUSTER
logo
SunLED Corporation
K4MD2BBA12SGW85 SUNLED-K4MD2BBA12SGW85 Datasheet
148Kb / 3P
   28mmX28mm LED CLUSTER
K4SGW63 SUNLED-K4SGW63 Datasheet
138Kb / 3P
   18.4mm LED CLUSTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com