Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS982IDW Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS982IDW
Description  Wide bandwidth dual bipolar operational amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982IDW Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS982IDW Datasheet HTML 3Page - STMicroelectronics TS982IDW Datasheet HTML 4Page - STMicroelectronics TS982IDW Datasheet HTML 5Page - STMicroelectronics TS982IDW Datasheet HTML 6Page - STMicroelectronics TS982IDW Datasheet HTML 7Page - STMicroelectronics TS982IDW Datasheet HTML 8Page - STMicroelectronics TS982IDW Datasheet HTML 9Page - STMicroelectronics TS982IDW Datasheet HTML 10Page - STMicroelectronics TS982IDW Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TS982
Electrical characteristics
7/20
Figure 1.
Current consumption vs. supply
voltage
Figure 2.
Voltage drop vs. output sourcing
current
Ta=-40 C
Ta=125 C
Ta=25 C
No load
Vcc = 2.7V to 5V
Vicm = Vcc/2
Vid = 100mV
Output Sourcing
Testboard PCB
Figure 3.
Voltage drop vs. output sinking
current
Figure 4.
Voltage drop vs. supply voltage
(sourcing)
Vcc = 2.7V to 5V
Vicm = Vcc/2
Vid = 100mV
Output Sinking
Testboard PCB
Vicm = Vcc/2
Vid = 100mV
Isource = 200mA
Testboard
Figure 5.
Voltage drop vs. supply voltage
(sinking)
Figure 6.
Voltage drop vs. temperature
(Iout =50mA)
Vicm = Vcc/2
Vid = 100mV
Isink = 200mA
Testboard
Vcc = 5V
Vicm = Vcc/2
Vid = 100mV
Iout= 50mA


Similar Part No. - TS982IDW

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TS982C3R FUJI-TS982C3R Datasheet
563Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C4R FUJI-TS982C4R Datasheet
548Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R Datasheet
393Kb / 12P
   SILICON DIODE
TS982C6R FUJI-TS982C6R Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R_10 Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Similar Description - TS982IDW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
   Wide bandwidth dual bipolar operational amplifier
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558 STMICROELECTRONICS-TJM4558 Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
STMicroelectronics
TSH150 STMICROELECTRONICS-TSH150 Datasheet
58Kb / 7P
   WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com