Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH72CDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH72CDT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSH72CDT Datasheet HTML 1Page - STMicroelectronics TSH72CDT Datasheet HTML 2Page - STMicroelectronics TSH72CDT Datasheet HTML 3Page - STMicroelectronics TSH72CDT Datasheet HTML 4Page - STMicroelectronics TSH72CDT Datasheet HTML 5Page - STMicroelectronics TSH72CDT Datasheet HTML 6Page - STMicroelectronics TSH72CDT Datasheet HTML 7Page - STMicroelectronics TSH72CDT Datasheet HTML 8Page - STMicroelectronics TSH72CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Absolute Maximum Ratings & Operating Conditions
TSH70,71,72,73,74,75
4/33
3
Absolute Maximum Ratings & Operating Conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
All voltages values, except differential voltage are with respect to network ground terminal
14
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting terminal
±2V
Vi
Input Voltage (3)
3.
The magnitude of input and output must never exceed VCC +0.3V
±6V
Toper
Operating Free Air Temperature Range
0 to +70
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal resistance junction to case (4)
SOT23-5
SO-8
SO-14
SO-16
TSSOPO8
TSSOP14
TSSOP16
4.
Short-circuits can cause excessive heating
80
28
22
35
37
32
35
°C/W
Rthja
Thermal resistance junction to ambient area
SOT23-5
SO-8
SO-14
SO-16
TSSOPO8
TSSOP14
TSSOP16
250
157
125
110
130
110
110
°C/W
ESD
Human Body Model
2
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
3 to 12
V
VIC
Common Mode Input Voltage Range
VCC
- to (V
CC
+ -1.1)
V
Standby
(VCC
-) to (V
CC
+)V


Similar Part No. - TSH72CDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH72CDT STMICROELECTRONICS-TSH72CDT Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
More results

Similar Description - TSH72CDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com