Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN808TR-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN808TR-E
Description  Octal channel high side driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808TR-E Datasheet(HTML) 5 Page - STMicroelectronics

  VN808TR-E Datasheet HTML 1Page - STMicroelectronics VN808TR-E Datasheet HTML 2Page - STMicroelectronics VN808TR-E Datasheet HTML 3Page - STMicroelectronics VN808TR-E Datasheet HTML 4Page - STMicroelectronics VN808TR-E Datasheet HTML 5Page - STMicroelectronics VN808TR-E Datasheet HTML 6Page - STMicroelectronics VN808TR-E Datasheet HTML 7Page - STMicroelectronics VN808TR-E Datasheet HTML 8Page - STMicroelectronics VN808TR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
VN808-E
Electrical characteristics
5/18
Table 5.
Input pin
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VINL
Input low level
VCC /2-1
V
IINL
Low level input
current
VIN = VCC / 2 - 1 V
80
μΑ
VINH
Input high level
VCC /2+1
V
IINH
High level input
current
VIN = VCC / 2 + 1 V
150
260
μΑ
VI(HYST)
Input hysteresis
voltage
0.6
V
IIN
Input current
VIN = VCC = 32 V
300
μΑ
Table 6.
Protections
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
TCSD
Case shut-down
temperature
125
130
135
°C
TCR
Case reset
temperature
110
°C
TCHYST
Case thermal
hysteresis
715
°C
TTSD
Junction shutdown
temperature
150
175
200
°C
TR
Junction reset
temperature
135
°C
THYST
Junction thermal
hysteresis
715
°C
Ilim
DC short circuit
current per channel
VCC = 24 V; RLOAD = 10 mΩ
0.7
1.7
A
Vdemag
Turn-off output clamp
voltage
IOUT = 0.5 A; L = 6 mH
VCC-57 VCC-52 VCC-47
V
Table 7.
Status pin
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IHSTAT
High level output
current
VCC = 18...32 V; RSTAT = 1 kΩ
(Fault condition)
23
4
mA
ILSTAT
Leakage current
Normal operation; VCC = 32 V
0.1
μA
VCLSTAT
Clamp voltage
ISTAT = 1 mA
ISTAT = -1 mA
6.0
6.8
-0.7
8.0
V
V


Similar Part No. - VN808TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN808TR-E STMICROELECTRONICS-VN808TR-E Datasheet
488Kb / 17P
   Octal channel high side driver
More results

Similar Description - VN808TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS8160HQ STMICROELECTRONICS-IPS8160HQ Datasheet
2Mb / 28P
   Octal channel high-side driver
Rev 1 - December 2022
VN808-E STMICROELECTRONICS-VN808-E Datasheet
488Kb / 17P
   Octal channel high side driver
VN808CM-E STMICROELECTRONICS-VN808CM-E Datasheet
441Kb / 18P
   Octal channel high side driver
VN808-32-E STMICROELECTRONICS-VN808-32-E Datasheet
536Kb / 18P
   Octal channel high side driver
VN808CM-32-E STMICROELECTRONICS-VN808CM-32-E Datasheet
440Kb / 18P
   Octal channel high side driver
VN808SR STMICROELECTRONICS-VN808SR_08 Datasheet
392Kb / 17P
   Octal channel high side driver
VN808CM-E STMICROELECTRONICS-VN808CM-E_10 Datasheet
460Kb / 21P
   Octal channel high side driver
VN808SR STMICROELECTRONICS-VN808SR Datasheet
372Kb / 16P
   Octal channel high side driver
logo
ON Semiconductor
AMIS-39100 ONSEMI-AMIS-39100 Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
   Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com