Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC48F4400P0VB00 Datasheet(PDF) 10 Page - Numonyx B.V

Part # PC48F4400P0VB00
Description  Numonyx StrataFlash Embedded Memory
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400P0VB00 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button PC48F4400P0VB00 Datasheet HTML 6Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 7Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 8Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 9Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 10Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 11Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 12Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 13Page - Numonyx B.V PC48F4400P0VB00 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
P30
Datasheet
November 2007
10
Order Number: 306666-11
3.0
Package Information
3.1
56-Lead TSOP
Figure 1: TSOP Mechanical Specifications
A
0
L
Detail A
Y
D
C
Z
Pin 1
E
D1
b
Detail B
See Detail A
e
See Detail B
A1
Seating
Plane
A2
See Note 2
[231369-90]
See Notes 1 and 3
Table 3:
TSOP Package Dimensions (Sheet 1 of 2)
Product Information
Symbol
Millimeters
Inches
Notes
Min
Nom
Max
Min
Nom
Max
Package Height
A
-
-
1.200
-
-
0.047
Standoff
A1
0.050
-
-
0.002
-
-
Package Body Thickness
A2
0.965
0.995
1.025
0.038
0.039
0.040
Lead Width
b
0.100
0.150
0.200
0.004
0.006
0.008
Lead Thickness
c
0.100
0.150
0.200
0.004
0.006
0.008
Package Body Length
D1
18.200
18.400
18.600
0.717
0.724
0.732
Package Body Width
E
13.800
14.000
14.200
0.543
0.551
0.559
Lead Pitch
e
-
0.500
-
-
0.0197
-
Terminal Dimension
D
19.800
20.00
20.200
0.780
0.787
0.795


Similar Part No. - PC48F4400P0VB00

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PC48F4400P0VB00 INTEL-PC48F4400P0VB00 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
More results

Similar Description - PC48F4400P0VB00

ManufacturerPart #DatasheetDescription
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Numonyx B.V
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com