Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75158P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75158P
Description  DUAL DIFFERENTIAL LINE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75158P Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75158P Datasheet HTML 2Page - Texas Instruments SN75158P Datasheet HTML 3Page - Texas Instruments SN75158P Datasheet HTML 4Page - Texas Instruments SN75158P Datasheet HTML 5Page - Texas Instruments SN75158P Datasheet HTML 6Page - Texas Instruments SN75158P Datasheet HTML 7Page - Texas Instruments SN75158P Datasheet HTML 8Page - Texas Instruments SN75158P Datasheet HTML 9Page - Texas Instruments SN75158P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN75158
DUAL DIFFERENTIAL LINE DRIVER
SLLS085B – JANUARY 1977 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
TA – Free-Air Temperature – °C
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–75
4
125
0
–50
–25
0
25
50
75
100
0.5
1
1.5
2
2.5
3
3.5
VOH(IOH = – 20 mA)
VOL(IOL = 40 mA)
VOH(IOH = – 40 mA)
VCC = 5 V
Figure 8
TA – Free-Air Temperature – °C
PROPAGATION DELAY TIMES
vs
FREE-AIR TEMPERATURE
–75
30
125
0
–50
–25
0
25
50
75
100
5
10
15
20
25
tPLH
tPHL
VCC = 5 V
See Figure 2
Termination A
Figure 9
0
VCC – Supply Voltage – V
8
0
1
2
3
4
5
6
7
10
20
30
40
50
60
70
SUPPLY CURRENT
(BOTH DRIVERS)
vs
SUPPLY VOLTAGE
Inputs Grounded
80
No Load
TA = 25°C
Inputs Open
Figure 10
– 75
125
30
–50
–25
0
25
50
75
100
32
34
36
38
40
TA – Free-Air Temperature – °C
SUPPLY CURRENT
(BOTH DRIVERS)
vs
FREE-AIR TEMPERATURE
42
VCC = 5 V
Input Grounded
Outputs Open


Similar Part No. - SN75158P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75158P TI-SN75158P Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158PS TI-SN75158PS Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75158P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com