Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC48F4400PCY00 Datasheet(PDF) 7 Page - Numonyx B.V

Part # PC48F4400PCY00
Description  Numonyx Wireless Flash Memory (W18)
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PCY00 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button PC48F4400PCY00 Datasheet HTML 3Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 4Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 5Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 6Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 7Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 8Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 9Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 10Page - Numonyx B.V PC48F4400PCY00 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
7
Numonyx™ Wireless Flash Memory (W18)
1.0
Introduction
This datasheet contains information about the Numonyx™ Wireless Flash Memory
(W18) device family. This section describes nomenclature used in the datasheet.
Section 2.0 provides an overview of the W18 flash memory device. Section 6.0,
Section 7.0, and Section 8.0 describe the electrical specifications for extended
temperature product offerings. Ordering information can be found in Section C.
The Numonyx™ Wireless Flash Memory (W18) device with flexible multi-partition dual-
operation architecture, provides high-performance Asynchronous and Synchronous
Burst reads. It is an ideal memory for low-voltage burst CPUs. Combining high read
performance with flash memory intrinsic non-volatility, the W18 device eliminates the
traditional system-performance paradigm of shadowing redundant code memory from
slow nonvolatile storage to faster execution memory. It reduces total memory
requirement that increases reliability and reduces overall system power consumption
and cost. The W18 device’s flexible multi-partition architecture allows program or erase
to occur in one partition while reading from another partition. This allows for higher
data write throughput compared to single-partition architectures and designers can
choose code and data partition sizes. The dual-operation architecture allows two
processors to interleave code operations while program and erase operations take place
in the background.
1.1
Nomenclature
Table 1:
Acronyms
APS
Automatic Power Savings
BBA
Block Base Address
CFI
Common Flash Interface
CUI
Command User Interface
DU
Don’t Use
EFP
Enhanced Factory Programming
FDI
Flash Data Integrator
NC
No Connect
OTP
One-Time Programmable
PBA
Partition Base Address
RCR
Read Configuration Register
RWE
Read-While-Erase
RWW
Read-While-Write
SCSP
Stacked Chip Scale Package
SRD
Status Register Data
VF BGA
Very-thin, Fine-pitch, Ball Grid Array
WSM
Write State Machine


Similar Part No. - PC48F4400PCY00

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC48F4400P0T1B0 NUMONYX-PC48F4400P0T1B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1U0 NUMONYX-PC48F4400P0T1U0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1V0 NUMONYX-PC48F4400P0T1V0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBB0 NUMONYX-PC48F4400P0TBB0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBU0 NUMONYX-PC48F4400P0TBU0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
More results

Similar Description - PC48F4400PCY00

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com