Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN4-22 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TCN4-22
Description  Ceramic Balun RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCN4-22 Datasheet(HTML) 1 Page - Mini-Circuits

  TCN4-22 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Input RF Power**
5W
Applications
**From 85°C derate linearly to 2.5 W at 100°C
Electrical Specifications (T
AMB=25°C)
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION*
LOSS
(dB)
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
4
1200-2200
1.0
10
0.6
CASE STYLE: FV1206-1
PRICE: $ 1.99 ea. QTY (10-49)
$ 1.69 ea. QTY (100)
configuration J
PRIMARY DOT
2
PRIMARY(GND)
1,3
SECONDARY DOT
4
SECONDARY
6
GROUND
5
• wideband, 1200 to 2200 MHz
• low phase unbalance
• miniature size, 0.12"x.06"x.037"
• LTCC construction
• low cost
• aqueous washable
• GSM
• CDMA
• GPS
• DECT
• PCN
• PCS
• ISM
TCN4-22+
TCN4-22
50
1200 to 2200 MHz
RF Transformer
REV. B
M102713
TCN4-22
ED-11659/1
AD/RS/CP/AM
080114
Typical Performance Data
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
1200.00
0.55
12.54
0.38
13.12
1300.00
0.64
13.68
0.25
13.07
1400.00
0.73
14.80
0.04
12.32
1500.00
0.81
15.52
0.16
10.86
1600.00
0.90
15.33
0.26
8.60
1700.00
1.00
14.39
0.33
5.70
1800.00
1.10
13.02
0.36
2.10
1900.00
1.23
11.67
0.40
1.87
2000.00
1.35
10.47
0.38
6.35
2100.00
1.47
9.46
0.33
10.89
2200.00
1.55
8.60
0.20
15.55
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Demo Board MCL P/N: TB-298
Suggested PCB Layout (PL-162)
Outline Dimensions (
)
inch
mm
Outline Drawing
A
B
C
D
E
F
.126
.063
.035
.024
.022
.011
3.20
1.60
0.89
0.61
0.56
0.28
G
H
J
K
wt
.039
.024
.042
.123
grams
0.99
0.61
1.07
3.12
.020
Ceramic Balun
* Insertion Loss is referenced to mid-band loss, 0.9 dB
Relative to 180º
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002


Similar Part No. - TCN4-22

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
More results

Similar Description - TCN4-22

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN1-10++ MINI-TCN1-10+ Datasheet
217Kb / 1P
   Ceramic Balun RF Transformer
logo
LinkCom Manufacturing C...
LRT1512-50R LINKCOM-LRT1512-50R Datasheet
156Kb / 2P
   RF Balun Transformer
LRT2002-50R LINKCOM-LRT2002-50R Datasheet
296Kb / 2P
   RF Balun Transformer
LRT1201-50R LINKCOM-LRT1201-50R Datasheet
165Kb / 2P
   RF Balun Transformer
LRT1513-50R LINKCOM-LRT1513-50R Datasheet
139Kb / 2P
   RF Balun Transformer
LRT1514-50R LINKCOM-LRT1514-50R Datasheet
126Kb / 2P
   RF Balun Transformer
logo
WALSIN TECHNOLOGY CORPO...
RFBLN06051G8DM1T69 WALSIN-RFBLN06051G8DM1T69 Datasheet
605Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
RFBLN10051G9D1T WALSIN-RFBLN10051G9D1T Datasheet
553Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
RFBLN10051G9D07N2T WALSIN-RFBLN10051G9D07N2T Datasheet
553Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
RBBLN16083G6W0T WALSIN-RBBLN16083G6W0T Datasheet
649Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com