Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C1801024L Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V62C1801024L
Description  Ultra Low Power 128K x 8 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1801024L Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V62C1801024L Datasheet HTML 1Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 2Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1801024L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
V62C1801024L(L)
Parameter
Symbol
Unit
Note
Read Cycle Time
tRC
70
-
85
-
100
-
150
-
ns
Address Access Time
tAA
-
70
-
85
-
100
-
150
ns
Chip Enable Access Time
tACE
-
70
-
85
-
100
-
150
ns
Output Enable Access Time
tOE
-
40
-
40
-
50
-
70
ns
OutputHold fromAddress Change
tOH
10
-
10
-
10
-
10
-
ns
Chip Enable to Output in Low-Z
tCLZ
10
-
10
-
10
-
10
-
ns
4,5
Chip Disable to Output in High-Z
tCHZ
-
30
-
35
-
40
-
50
ns
4,5
Output Enable to Output in Low-Z
tOLZ
5
-
5
-
5
-
5
-
ns
4,5
Output Disable to Output in High-Z
tOHZ
-
25
-
30
-
35
-
40
ns
4,5
Power-Up Time
tPU
0
-
0
-
0
-
0
-
ns
5
Power-Down Time
tPD
-
70
-
85
-
100
-
150
ns
5
Read Cycle (3,9) (Vcc = 1.8 to 2.2V, Gnd = 0V, TA = 0
0C to +700C / -400C to +850C)
Write Cycle (3,11) (Vcc = 1.8 to 2.2V, Gnd = 0V, TA = 0
0C to +700C / -400C to +850C)
Parameter
Symbol
Unit
Note
Write Cycle Time
tWC
70
-
85
-
100
-
150
-
ns
Chip Enable to Write End
tCW
60
-
70
-
80
-
120
-
ns
Address Setup to Write End
tAW
60
-
70
-
80
-
120
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
0
-
ns
Write Pulse Width
tWP
50
-
60
-
70
-
100
-
ns
Write Recovering Time
tWR
0
-
0
-
0
-
0
-
ns
Data Valid to Write End
tDW
30
-
35
-
40
-
60
-
ns
Data Hold Time
tDH
0
-
0
-
0
-
0
-
ns
Write Enable to Output in High-Z
tWZ
-
30
-
35
-
40
-
50
ns
4,5
Output Active from Write End
tOW
5
-
5
-
5
-
5
-
ns
4,5
Min Max Min Max Min Max Min Max
-70
-85
-100
5
Min Max Min Max Min Max Min Max
-70
-85
-100
-150
-150
REV. 1.1 April 2001 V62C1801024L(L)


Similar Part No. - V62C1801024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-100T MOSEL-V62C1802048L-100T Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-100V MOSEL-V62C1802048L-100V Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-150T MOSEL-V62C1802048L-150T Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-150V MOSEL-V62C1802048L-150V Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
More results

Similar Description - V62C1801024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com