Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH16245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCXH16245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXH16245 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCXH16245 Datasheet HTML 1Page - STMicroelectronics 74LCXH16245 Datasheet HTML 2Page - STMicroelectronics 74LCXH16245 Datasheet HTML 3Page - STMicroelectronics 74LCXH16245 Datasheet HTML 4Page - STMicroelectronics 74LCXH16245 Datasheet HTML 5Page - STMicroelectronics 74LCXH16245 Datasheet HTML 6Page - STMicroelectronics 74LCXH16245 Datasheet HTML 7Page - STMicroelectronics 74LCXH16245 Datasheet HTML 8Page - STMicroelectronics 74LCXH16245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2003
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED:
tPD = 4.5 ns (MAX.) at VCC =3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES H16245
s
BUS HOLDPROVIDEDONBOTH SIDES
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCXH16245 is a low voltage CMOS 16 BIT
BUS TRANSCEIVER (3-STATE) fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology. It is ideal for low power
and high speed 3.3V applications; it can be
interfaced to 5V signal environment for both inputs
and outputs.
This IC is intended for two-way asynchronous
communication between data buses; the direction
of data transmission is determined by DIR input.
The two enable inputs nG can beusedtodisable
the device so that the buses are effectively isolat-
ed.
Bus hold on data inputs is provided in order to
eliminate
the
need
for
external
pull-up
or
pull-down resistor.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power con-
sumption.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
All floating bus terminals during High Z State must
be held HIGH or LOW.
74LCXH16245
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER
WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74LCXH16245TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245G ONSEMI-74LCXH16245G Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
More results

Similar Description - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX16245 STMICROELECTRONICS-74LCX16245 Datasheet
79Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
74LCXHR162245 STMICROELECTRONICS-74LCXHR162245 Datasheet
259Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com