Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUG44D Datasheet(PDF) 3 Page - SunLED Corporation

Part # LUG44D
Description  4mm SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUG44D Datasheet(HTML) 3 Page - SunLED Corporation

  LUG44D Datasheet HTML 1Page - SunLED Corporation LUG44D Datasheet HTML 2Page - SunLED Corporation LUG44D Datasheet HTML 3Page - SunLED Corporation LUG44D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number:
LUG44D
Published Date : MAR 18,2008
Drawing No : SDSA2788
V3
Checked : B.L.LIU
P.3/4
4mm SOLID STATE LAMP
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - LUG44D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUG4841-S5-PF-TBS-1 LIGITEK-LUG4841-S5-PF-TBS-1 Datasheet
230Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LUG44D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP44HD KINGBRIGHT-WP44HD Datasheet
122Kb / 4P
   4mm SOLID STATE LAMP
WP44YD KINGBRIGHT-WP44YD Datasheet
115Kb / 4P
   4mm SOLID STATE LAMP
WP44GD KINGBRIGHT-WP44GD Datasheet
109Kb / 4P
   4mm SOLID STATE LAMP
logo
SunLED Corporation
LUY44D SUNLED-LUY44D Datasheet
174Kb / 4P
   4mm SOLID STATE LAMP
LUR44D SUNLED-LUR44D Datasheet
175Kb / 4P
   4mm SOLID STATE LAMP
logo
Kingbright Corporation
WP44ID KINGBRIGHT-WP44ID Datasheet
109Kb / 4P
   4mm SOLID STATE LAMP
L-44HD KINGBRIGHT-L-44HD Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
logo
Unity Opto Technology
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
   SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
   SOLID STATE LAMP
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
   SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com