Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9980 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9980
Description  3-Channel LED Array Driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9980 Datasheet(HTML) 4 Page - Supertex, Inc

  HV9980 Datasheet HTML 1Page - Supertex, Inc HV9980 Datasheet HTML 2Page - Supertex, Inc HV9980 Datasheet HTML 3Page - Supertex, Inc HV9980 Datasheet HTML 4Page - Supertex, Inc HV9980 Datasheet HTML 5Page - Supertex, Inc HV9980 Datasheet HTML 6Page - Supertex, Inc HV9980 Datasheet HTML 7Page - Supertex, Inc HV9980 Datasheet HTML 8Page - Supertex, Inc HV9980 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
HV9980
Typical Performance Characteristics (T
J = 25
O
C unless otherwise noted)
200
250
300
350
400
450
500
20
40
60
100
140
180
DRAIN Voltage (V)
VDD = 9V
VDD = 8V
VDD = 7V
VDD = 6V
Output Saturation Current
(I
DRAIN vs. VDRAIN at VRSENSE = 0V)
Output Saturation Current
(I
DRAIN vs. VDRAIN at VDD = 8.0V)
100
150
200
250
300
350
400
450
500
20
40
60
80
100 120 140 160 180
DRAIN Voltage (V)
VRSENSE = 0V
VRSENSE = 0.5V
VRSENSE = 1V
VRSENSE = 1.5V
VRSENSE = 2V
VRSENSE = 3V
100
150
200
250
300
350
400
450
500
20
40
60
80
100
120
140
160
180
DRAIN Voltage (V)
VRSENSE = 3V
VRSENSE = 2V
VRSENSE = 1V
VRSENSE = 0.5V
VRSENSE = GND
Output Saturation Current
(I
DRAIN vs. VDRAIN at VDD = 9.0V)
Output Saturation Current
(I
DRAIN vs. TJ at VDD = 9.0V)
300
340
380
420
460
500
-40
-15
10
35
60
85
110
Junction Temperature (°C)
VRSENSE = 0.8V
15
20
25
30
35
40
45
-40
-15
10
35
60
85
110
Junction Temperature (°C)
ON Resistance
(R
ON vs. TJ at VDD = 8.0 or 9.0V)
CS-to-DRAIN Propagation Delay
(T
DELAY vs. TJ at VDD = 8.0 or 9.0V)
70.0
80.0
90.0
100.0
110.0
-40
-15
10
35
60
85
110
Junction Temperature (°C)


Similar Part No. - HV9980

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
   Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Supertex, Inc
HV9982K6-G SUTEX-HV9982K6-G Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982K6-G MICROCHIP-HV9982K6-G Datasheet
390Kb / 22P
   Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
HV9982K6-G-M935 MICROCHIP-HV9982K6-G-M935 Datasheet
390Kb / 22P
   Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
More results

Similar Description - HV9980

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com