Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG4158 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG4158
Description  Low voltage 0.6typ single SPDT switch with break-before-make feature and 15 kV ESD protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4158 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG4158 Datasheet HTML 3Page - STMicroelectronics STG4158 Datasheet HTML 4Page - STMicroelectronics STG4158 Datasheet HTML 5Page - STMicroelectronics STG4158 Datasheet HTML 6Page - STMicroelectronics STG4158 Datasheet HTML 7Page - STMicroelectronics STG4158 Datasheet HTML 8Page - STMicroelectronics STG4158 Datasheet HTML 9Page - STMicroelectronics STG4158 Datasheet HTML 10Page - STMicroelectronics STG4158 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STG4158
Electrical characteristics
7/21
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
ID
D ON state
leakage
current
1.65–4.5
VS =open
VD = 0 to VCC
-30
30
-300
300
nA
Floating
VD = 0 - 4.5
10
25
μA
0–0.5
VD = 0 - 4.5
10
25
μA
VCC >0.5
VD > VCC + 0.4
10
25
μA
IS
S ON state
leakage
current
1.65–4.5
VS = 0 to VCC
VD = open
-30
30
-300
300
nA
Floating
VS = 0 - 4.5
5
15
μA
0 – 0.5
VS = 0 - 4.5
5
15
μA
Vcc > 0.5
VS > VCC + 0.4
5
15
μA
ICC
Quiescent
supply
current
2.5
VSEL =VCC
5.6
10
μA
4.5
9
20
μA
1.65–4.5
VSEL = GND
0.05
0.1
μA
ISEL
SEL leakage
current
1.65–4.5
VSEL =GND
0.1
1.0
μA
2.5
VSEL =VCC
0.5
1.0
μA
4.5
VSEL =VCC
1.0
2.0
μA
ICCLV
Quiescent
supply
current low
voltage
driving
4.5
VSEL =1.45V
8
20
μA
Table 6.
DC specifications (continued)


Similar Part No. - STG4158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
   Low voltage 0.3廓 max single SPDT switch with break-before-make feature and 10kV contact ESD protection
STG4159BJR STMICROELECTRONICS-STG4159BJR Datasheet
589Kb / 18P
   Low voltage 0.3廓 max single SPDT switch with break-before-make feature and 10kV contact ESD protection
More results

Similar Description - STG4158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
   Low voltage 0.5 廓 dual SPDT switch with break-before-make feature and 15 kV ESD protection
April 2009 Rev 2
STG4160 STMICROELECTRONICS-STG4160 Datasheet
711Kb / 19P
   Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
May 2013 Rev 3
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
   Low voltage 1 廓 single SPDT switch with break-before-make feature
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
   Low voltage 0.3廓 max single SPDT switch with break-before-make feature and 10kV contact ESD protection
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
   Low voltage 0.3廓 max dual SPDT switch with break-before-make feature and 15KV ESD protection
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
   Low voltage 1廓 max single SPDT switch with break-before-make feature
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
   Low Voltage 0.9廓 max dual SPDT Switch with break-before-make feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com