Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG4259 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG4259
Description  Low voltage 0.3廓 max dual SPDT switch with break-before-make feature and 15KV ESD protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4259 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG4259 Datasheet HTML 3Page - STMicroelectronics STG4259 Datasheet HTML 4Page - STMicroelectronics STG4259 Datasheet HTML 5Page - STMicroelectronics STG4259 Datasheet HTML 6Page - STMicroelectronics STG4259 Datasheet HTML 7Page - STMicroelectronics STG4259 Datasheet HTML 8Page - STMicroelectronics STG4259 Datasheet HTML 9Page - STMicroelectronics STG4259 Datasheet HTML 10Page - STMicroelectronics STG4259 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STG4259
Electrical characteristics
7/19
3
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
Test conditions
Value
Unit
VCC
(V)
VL
(V)
TA =25°C
-40 to
85°C
Min
Typ
Max
Min
Max
VIH
High level
input voltage
1.65 -
4.3
1.65 - 1.95
1.25
1.25
V
2.3 - 2.7
1.75
1.75
3.0 - 3.6
2.35
2.35
4.3
2.8
2.8
VIL
Low level input
voltage
1.65 -
4.3
1.65 - 1.95
0.6
0.6
V
2.3 - 2.7
0.8
0.8
3.0 - 3.6
1.05
1.05
4.3
1.5
1.5
RON
ON resistance
1.8
1.65 - 4.8
VS =0 V to
VCC
IS = 100 mA
0.49
0.65
0.85
Ω
2.25
0.30
0.40
0.50
3
0.25
0.35
0.45
3.7
0.22
0.32
0.42
4.3
0.21
0.30
0.40
ΔRON
ON resistance
match
between
channels (1)
1.8
1.65 - 4.8
VS =0 V to
VCC
IS = 100 mA
5
m
Ω
2.25
3
33
3.7
3
4.3
3
RFLAT
ON resistance
flatness (2)
1.8
1.65 - 4.8
VS =0V to
VCC
IS = 100 mA
300
400
450
m
Ω
2.5
130
170
230
3
90
120
170
3.7
90
120
170
4.3
90
120
170
IOFF
Sn OFF state
leakage
current
1.65 -
4.8
1.65 - 4.8
VS = 0 to
VCC
VD =0 to
VCC
-20
20
-300
300
nA
ION
Sn ON state
leakage
current
1.65 -
4.8
1.65 - 4.8
VS =0 to
VCC
VD =open
-20
20
-100
100
nA


Similar Part No. - STG4259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
STG4210QTR STMICROELECTRONICS-STG4210QTR Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
   Low voltage 0.5 廓 dual SPDT switch with break-before-make feature and 15 kV ESD protection
April 2009 Rev 2
STG4260BJR STMICROELECTRONICS-STG4260BJR Datasheet
466Kb / 19P
   Low voltage 0.5 廓 dual SPDT switch with break-before-make feature and 15 kV ESD protection
April 2009 Rev 2
More results

Similar Description - STG4259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
   Low voltage 0.3廓 max single SPDT switch with break-before-make feature and 10kV contact ESD protection
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
   Low Voltage 0.9廓 max dual SPDT Switch with break-before-make feature
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
   LOW VOLTAGE 0.5/0.8廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
   Low voltage 0.5 廓 dual SPDT switch with break-before-make feature and 15 kV ESD protection
April 2009 Rev 2
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
   Low voltage 1廓 max single SPDT switch with break-before-make feature
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
   LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com