Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG6684 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STG6684
Description  High isolation dual SPDT analog switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6684 Datasheet(HTML) 2 Page - STMicroelectronics

  STG6684 Datasheet HTML 1Page - STMicroelectronics STG6684 Datasheet HTML 2Page - STMicroelectronics STG6684 Datasheet HTML 3Page - STMicroelectronics STG6684 Datasheet HTML 4Page - STMicroelectronics STG6684 Datasheet HTML 5Page - STMicroelectronics STG6684 Datasheet HTML 6Page - STMicroelectronics STG6684 Datasheet HTML 7Page - STMicroelectronics STG6684 Datasheet HTML 8Page - STMicroelectronics STG6684 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Table of contents
STG6684
2/24
Table of contents
1
Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3.1
Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5
Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
6
Application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
7
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23


Similar Part No. - STG6684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG60H65FBD7 STMICROELECTRONICS-STG60H65FBD7 Datasheet
428Kb / 10P
   Trench gate field-stop 650 V, 60 A high-speed HB series IGBT die in D7 packing
Rev 3 - July 2023
STG6384 STMICROELECTRONICS-STG6384 Datasheet
328Kb / 21P
   High isolation dual SPST analog switch
STG6384QTR STMICROELECTRONICS-STG6384QTR Datasheet
328Kb / 21P
   High isolation dual SPST analog switch
More results

Similar Description - STG6684

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1009TN SONY-CXG1009TN Datasheet
54Kb / 4P
   High Isolation SPDT Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Sony Corporation
CXG1008N SONY-CXG1008N Datasheet
92Kb / 7P
   High Isolation SPDT Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com