Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC48F4400PCYC0 Datasheet(PDF) 10 Page - Numonyx B.V

Part # PC48F4400PCYC0
Description  Numonyx Wireless Flash Memory (W18)
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PCYC0 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button PC48F4400PCYC0 Datasheet HTML 6Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 7Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 8Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 9Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 10Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 11Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 12Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 13Page - Numonyx B.V PC48F4400PCYC0 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
10
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
and verifications necessary to manage flash memory program and erase. An internal
Status Register provides ready/busy indication results of the operation (success, fail,
and so on).
Three power-saving features– Automatic Power Savings (APS), standby, and RST# –
can significantly reduce power consumption. The device automatically enters APS mode
following read cycle completion. Standby mode begins when the system deselects the
flash memory by
de-asserting CE#. Driving RST# low produces power savings similar to standby mode.
It also resets the part to read-array mode (important for system-level reset), clears
internal Status Registers, and provides an additional level of flash write protection.
2.1
Memory Map and Partitioning
The W18 device is divided into 4-Mbit physical partitions, which allows simultaneous
RWW or RWE operations and allows users to segment code and data areas on 4-Mbit
boundaries. The device’s memory array is asymmetrically blocked, which enables
system code and data integration within a single flash device. Each block can be erased
independently in block erase mode. Simultaneous program and erase operations are
not allowed; only one partition at a time can be actively programming or erasing. See
Table 3, “Bottom Parameter Memory Map” on page 11 and Table 4, “Top Parameter
Memory Map” on page 12.
The 32-Mbit device has eight partitions, the 64-Mbit device has 16 partitions, and the
128-Mbit device has 32 partitions. Each device density contains one parameter
partition and several main partitions. The 4-Mbit parameter partition contains eight 4-
Kword parameter blocks and seven 32-Kword main blocks. Each 4-Mbit main partition
contains eight 32-Kword blocks each.
The bulk of the array is divided into main blocks that can store code or data, and
parameter blocks that allow storage of frequently updated small parameters that are
normally stored in EEPROM. By using software techniques, the word-rewrite
functionality of EEPROMs can be emulated.
.


Similar Part No. - PC48F4400PCYC0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC48F4400P0T1B0 NUMONYX-PC48F4400P0T1B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1U0 NUMONYX-PC48F4400P0T1U0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1V0 NUMONYX-PC48F4400P0T1V0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBB0 NUMONYX-PC48F4400P0TBB0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBU0 NUMONYX-PC48F4400P0TBU0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
More results

Similar Description - PC48F4400PCYC0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com