Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS5L60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS5L60
Description  Power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60 Datasheet(HTML) 5 Page - STMicroelectronics

  STPS5L60 Datasheet HTML 1Page - STMicroelectronics STPS5L60 Datasheet HTML 2Page - STMicroelectronics STPS5L60 Datasheet HTML 3Page - STMicroelectronics STPS5L60 Datasheet HTML 4Page - STMicroelectronics STPS5L60 Datasheet HTML 5Page - STMicroelectronics STPS5L60 Datasheet HTML 6Page - STMicroelectronics STPS5L60 Datasheet HTML 7Page - STMicroelectronics STPS5L60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS5L60
Characteristics
5/8
Figure 15.
Thermal resistances versus leads length DO-201AD
Figure 11.
Forward voltage drop versus
forward current (low level)
Figure 12.
Forward voltage drop versus
forward current (high level)
IFM(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)
IFM(A)
0
5
10
15
20
25
30
35
40
45
50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, Cu = 35 µm) SMC
Figure 14.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, Cu = 35 µm), DO-201AD
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMC
S
(cm²)
CU
Rth(j-a)(°C/W)
0
10
20
30
40
50
60
70
80
01
2345
678
9
10
DO-201AD
S(cm²)
0
10
20
30
40
50
60
70
80
510
15
20
25
Lleads(cm)
Rth(j-a): Epoxy printed circuit board FR4 (Cu=35µm)
Rth(j-l)
Rth(°C/W)


Similar Part No. - STPS5L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60 STMICROELECTRONICS-STPS5L60 Datasheet
47Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS5L60RL STMICROELECTRONICS-STPS5L60RL Datasheet
47Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
   60 V power Schottky rectifier
July 2018 Rev 1
More results

Similar Description - STPS5L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com