Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4072 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC4072
Description  DUAL 4-INPUT OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4072 Datasheet(HTML) 6 Page - STMicroelectronics

  M74HC4072 Datasheet HTML 1Page - STMicroelectronics M74HC4072 Datasheet HTML 2Page - STMicroelectronics M74HC4072 Datasheet HTML 3Page - STMicroelectronics M74HC4072 Datasheet HTML 4Page - STMicroelectronics M74HC4072 Datasheet HTML 5Page - STMicroelectronics M74HC4072 Datasheet HTML 6Page - STMicroelectronics M74HC4072 Datasheet HTML 7Page - STMicroelectronics M74HC4072 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M74HC4072
6/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8° (max.)
SO-14 MECHANICAL DATA
PO13G


Similar Part No. - M74HC4072

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4072 STMICROELECTRONICS-M74HC4072 Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
M74HC4072B1R STMICROELECTRONICS-M74HC4072B1R Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
M74HC4072C1R STMICROELECTRONICS-M74HC4072C1R Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
M74HC4072M1R STMICROELECTRONICS-M74HC4072M1R Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
More results

Similar Description - M74HC4072

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4072B STMICROELECTRONICS-HCF4072B Datasheet
144Kb / 7P
   DUAL 4 INPUT OR GATE
logo
Hitachi Semiconductor
HD14072B HITACHI-HD14072B Datasheet
50Kb / 4P
   Dual 4-input OR Gate
logo
STMicroelectronics
M54HC4072 STMICROELECTRONICS-M54HC4072 Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
logo
NXP Semiconductors
HEF4072B PHILIPS-HEF4072B Datasheet
26Kb / 3P
   Dual 4-input OR gate
January 1995
logo
Toshiba Semiconductor
TC74HC4072AP TOSHIBA-TC74HC4072AP Datasheet
177Kb / 4P
   DUAL 4-INPUT OR GATE
logo
ON Semiconductor
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
   Dual 4-5- Input OR/NOR Gate
1996 REV 5
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
   Dual 4-5-Input OR/NOR Gate
1996 REV 5
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10109 ONSEMI-MC10109_02 Datasheet
107Kb / 8P
   Dual 4-5-Input OR/NOR Gate
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com