Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4351 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4351
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4351 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4351 Datasheet HTML 1Page - STMicroelectronics M74HC4351 Datasheet HTML 2Page - STMicroelectronics M74HC4351 Datasheet HTML 3Page - STMicroelectronics M74HC4351 Datasheet HTML 4Page - STMicroelectronics M74HC4351 Datasheet HTML 5Page - STMicroelectronics M74HC4351 Datasheet HTML 6Page - STMicroelectronics M74HC4351 Datasheet HTML 7Page - STMicroelectronics M74HC4351 Datasheet HTML 8Page - STMicroelectronics M74HC4351 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M74HC4351
2/12
CONTROL INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
** : When latch Enable is low, the Channel Selection is latched and the Channel Address Latch does not change state.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
PIN No
SYMBOL
NAME AND FUNCTION
4
COM
Common
3, 14
NC
Not Connected
7EN1
Enable Input (Active
LOW)
8
EN2
Enable Input (Active
HIGH)
9VEE
Negative Supply Voltage
11
LE
Latch Enable Input (Active
LOW)
15, 13, 12
A, B, C
Select Inputs
17, 18, 19,
16, 1, 6, 2, 5
0 to 7
Independent Inputs/Out-
puts
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
CONTROL INPUTS
"ON" CHANNEL (LE = H)**
EN1
EN2
C
B
A
LH
L
L
L
0
LH
L
L
H1
LH
L
H
L
2
LH
L
H
H3
LH
H
L
L
4
LH
H
L
H5
LH
H
H
L
6
LH
H
H
H7
H
X
X
X
X
NONE
X
L
X
X
X
NONE
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VCC - VEE Supply Voltage Range
-0.5 to +13
V
VIN
DC Input Voltage
-0.5 to VCC + 0.5
V
VI/O
DC Switch Input/Output Voltage
VEE -0.5 to VCC + 0.5
V
IIK
Input Diode Current
± 20
mA
IOK
I/O Diode Current
± 20
mA
IOUT
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C


Similar Part No. - M74HC4351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
302Kb / 16P
   ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
M74HC4351B1R STMICROELECTRONICS-M74HC4351B1R Datasheet
302Kb / 16P
   ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
M74HC4351C1R STMICROELECTRONICS-M74HC4351C1R Datasheet
302Kb / 16P
   ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
M74HC4351F1R STMICROELECTRONICS-M74HC4351F1R Datasheet
302Kb / 16P
   ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
M74HC4351M1R STMICROELECTRONICS-M74HC4351M1R Datasheet
302Kb / 16P
   ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
More results

Similar Description - M74HC4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com